Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AMS4712 Datasheet (PDF) - WOLFSPEED, INC.

AMS4712 Datasheet PDF - WOLFSPEED, INC.
Part # AMS4712
Download  AMS4712 Download
File Size   607.4 Kbytes
Page   8 Pages
Manufacturer  WOLFSPEED [WOLFSPEED, INC.]
Direct Link  https://www.wolfspeed.com/
Logo WOLFSPEED - WOLFSPEED, INC.
Description Miniaturized pressure transmitter with 4 .. 20 mA output

AMS4712 Datasheet (PDF)

Go To PDF Page Download Datasheet
AMS4712 Datasheet PDF - WOLFSPEED, INC.

Part # AMS4712
Download  AMS4712 Click to download

File Size   607.4 Kbytes
Page   8 Pages
Manufacturer  WOLFSPEED [WOLFSPEED, INC.]
Direct Link  https://www.wolfspeed.com/
Logo WOLFSPEED - WOLFSPEED, INC.
Description Miniaturized pressure transmitter with 4 .. 20 mA output

AMS4712 Datasheet (HTML) - WOLFSPEED, INC.


AMS4712 Product details

FEATURES
 Calibrated and temperature compensated
pressure sensor with two-wire 4 .. 20 mA
current loop output
 Differential / gage, bidirectional differential,
absolute and barometric versions
 Wide variety of pressure ranges:
5 mbar up to 2 bar
 Piezoresistive sensing element
 High precision digital signal conditioning
 High accuracy at room temperature
 Low overall error within a temperature range
of -25 .. +85°C
 Supply voltage range: 8 .. 36 V
 Current limitation
 Protected against reverse polarity
 Compact and robust package
 Dust- and water-tight (IP67)
 M5 circular sensor connector
 Ready to use, simple and quick installation
 RoHS and REACH compliant
TYPICAL APPLICATIONS
 Static pressure sensing
 Dynamic pressure sensing
 Barometric pressure sensing
 Vacuum measurement
 Level measurement
 Gas flow measurement
 Heating, Ventilation and Air Conditioning
(HVAC)
GENERAL DESCRIPTION
AMS 4712 is a series of miniaturized pressure
transmitters suitable for industrial applications and
high precision measurements. All AMS 4712 can
be powered within a supply voltage range of
VS = 8 .. 36 V and provide an industrial two-wire
4 .. 20 mA current loop output. They are calibrated
and temperature compensated in a wide
temperature range of -25 .. +85°C.
AMS 4712 comes in a robust plastic package and
is ready to use. Pressure is applied either via two
barbed side ports for differential (relative) or
bidirectional differential pressure transmitter types
or via a single port for absolute or barometric
types. The two-wire current loop output is
established using an M5 circular sensor connector.
AMS 4712’s package is dust- and water-tight
conforming to IP67.
The pressure transmitters in the AMS 4712 series
are available for various applications and pressure
ranges: Differential (relative) devices in pressure
ranges from 0 .. 5 mbar up to 0 .. 2 bar, absolute
pressure variants for 0 .. 1 bar and 0 .. 2 bar as
well as a barometric type for 0.7 .. 1.2 bar.
Bidirectional differential devices are available from
-5 .. +5 mbar up to -1 .. +1 bar for measurement of
positive and negative pressure differences. Other
pressure ranges are available on request.




Similar Part No. - AMS4712

ManufacturerPart #DatasheetDescription
logo
Analog Microelectronics...
AMS4712 ANALOGMICRO-AMS4712 Datasheet
607Kb / 8P
Miniaturized pressure transmitter with 4 .. 20 mA output
March 2015
More results


Similar Description - AMS4712

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD693 AD-AD693_15 Datasheet
499Kb / 12P
Loop-Powered 4-20 mA Sensor Transmitter
REV. A
AD694 AD-AD694_15 Datasheet
163Kb / 16P
4-20 mA Transmitter
REV. B
logo
WAGO Kontakttechnik Gmb...
753-555 WAGO-753-555 Datasheet
583Kb / 12P
4-channel analog output; 4 ??20 mA
logo
Amphenol Wilcoxon Sensi...
IT150 WILCOXON-IT150 Datasheet
565Kb / 3P
4-20 mA vibration transmitter modules
Rev.A.4 11/19
IT300 WILCOXON-IT300 Datasheet
563Kb / 3P
4-20 mA configurable vibration transmitter module
Rev.D.1 10/18
logo
Endress+Hauser Group Se...
TI01613T EH-TI01613T Datasheet
1Mb / 12P
Form B (flat face) head transmitter with 4 to 20 mA analog output
2021-06-30
logo
WOLFSPEED, INC.
AMS2712 WOLFSPEED-AMS2712 Datasheet
604Kb / 8P
PCB pressure sensor module with 4 .. 20 mA current output
May 2017 - Rev. 1.0
AMS3011 WOLFSPEED-AMS3011 Datasheet
511Kb / 8P
Miniaturized pressure transmitter with 0 .. 5 V output
April 2016 Rev. 1.0
AMS4710 WOLFSPEED-AMS4710 Datasheet
610Kb / 8P
Miniaturized pressure transmitter with analog 0 ... 10 V output
March 2020 Rev. 1.0
AMS4711 WOLFSPEED-AMS4711 Datasheet
539Kb / 8P
Miniaturized pressure transmitter with 0 .. 5 V output
March 2015 Rev. 4.0
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com