Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AMS4710 Datasheet (PDF) - WOLFSPEED, INC.

AMS4710 Datasheet PDF - WOLFSPEED, INC.
Part # AMS4710
Download  AMS4710 Download
File Size   610.47 Kbytes
Page   8 Pages
Manufacturer  WOLFSPEED [WOLFSPEED, INC.]
Direct Link  https://www.wolfspeed.com/
Logo WOLFSPEED - WOLFSPEED, INC.
Description Miniaturized pressure transmitter with analog 0 ... 10 V output

AMS4710 Datasheet (PDF)

Go To PDF Page Download Datasheet
AMS4710 Datasheet PDF - WOLFSPEED, INC.

Part # AMS4710
Download  AMS4710 Click to download

File Size   610.47 Kbytes
Page   8 Pages
Manufacturer  WOLFSPEED [WOLFSPEED, INC.]
Direct Link  https://www.wolfspeed.com/
Logo WOLFSPEED - WOLFSPEED, INC.
Description Miniaturized pressure transmitter with analog 0 ... 10 V output

AMS4710 Datasheet (HTML) - WOLFSPEED, INC.


AMS4710 Product details

FEATURES
 Amplified, calibrated and temperature
compensated pressure sensor with 0 … 10 V
output voltage
 Variants for differential / gage, bidirectional
differential, absolute and barometric
pressure
 Wide variety of pressure ranges: 5 mbar up
to 2 bar full scale pressure
 Piezoresistive sensing principle
 High precision digital signal conditioning
 Typical total accuracy < 0.5 %FSO at room
temperature for standard pressure ranges
 Typical TEB < 0.7 %FSO (-25 … 85 °C) for
standard pressure ranges
 Wide supply voltage range: 12 … 36 V
 Integrated circuit protection against reverse
polarity, current limited output
 Compact and robust package
 Dust-and water-tight (IP67)
 M5 circular sensor connector
 Compact size (35 mm x 25 mm x 13.5 mm)
 Ready to use, simple and quick installation
 RoHS and REACH compliant
TYPICAL APPLICATIONS
 Static pressure sensing
 Dynamic pressure sensing
 Barometric pressure sensing
 Vacuum measurement
 Level measurement
 Gas flow measurement
 Heating, Ventilation and Air Conditioning
(HVAC)
 Medical Instrumentation
GENERAL DESCRIPTION
AMS 4710 is a series of ready-to-use, miniaturized
pressure transmitters suitable for industrial and
medical applications. The matchbox-sized
pressure transmitters are calibrated and
temperature compensated in a wide temperature
range of -25 … 85 °C and allow precise pressure
measurements with high long term stability.
AMS 4710 features a large supply voltage range of
12 … 36 V, reverse polarity protection (Vs – GND)
and a current limited 0 … 10 V voltage output. It
comes in a robust plastic package, which is dustand water-tight conforming to IP67.
Pressure is either applied through two barbed side
ports for differential (relative) or bidirectional
differential pressure transmitter types or through a
single port for absolute or barometric types. The
electrical connection is realized with an M5 circular
sensor connector.
The pressure transmitters in the AMS 4710 series
are availabe for all pressure types and various
pressure ranges: differential pressure sensors
(also for relative/gage meausurements) in pressure
ranges from 0 … 5 mbar up to 0 … 2 bar, absolute
pressure sensors for 0 … 1 bar and 0 … 2 bar as
well as a barometric sensor for 0.7 … 1.2 bar.
Bidirectional differential sensors are available from
-5 … 5 mbar up to -1 … 1 bar for the measurement
of positive and negative differential pressure.
Custom pressure ranges or modifications are
availble on request.




Similar Part No. - AMS4710

ManufacturerPart #DatasheetDescription
logo
Analog Microelectronics...
AMS4710 ANALOGMICRO-AMS4710 Datasheet
610Kb / 8P
Miniaturized pressure transmitter with analog 0 ... 10 V output
March 2020
More results


Similar Description - AMS4710

ManufacturerPart #DatasheetDescription
logo
WAGO Kontakttechnik Gmb...
753-550 WAGO-753-550 Datasheet
539Kb / 12P
2-channel analog output; 0 ... 10 VDC
750-550 WAGO-750-550 Datasheet
405Kb / 12P
2-channel analog output; 0 ... 10 VDC
750-562 WAGO-750-562 Datasheet
523Kb / 11P
2-channel analog output; 0 ??10 V/짹10 VDC; 16 bits
750-560 WAGO-750-560 Datasheet
460Kb / 11P
2-channel analog output; 0 ... 10 VDC; 10 bits; 100 mW/24 V
753-559 WAGO-753-559 Datasheet
553Kb / 12P
4-channel analog output; 0 ... 10 VDC
logo
Schneider Electric
STBAVO1255K SCHNEIDER-STBAVO1255K Datasheet
143Kb / 5P
basic analog output kit STB - 0..10 V - 2 O - 10 bits
Apr 8, 2022
logo
WOLFSPEED, INC.
AMS2710 WOLFSPEED-AMS2710 Datasheet
597Kb / 8P
PCB pressure sensor module with 0 .. 10 V output
February 2018 Rev. 1.0
AMS3011 WOLFSPEED-AMS3011 Datasheet
511Kb / 8P
Miniaturized pressure transmitter with 0 .. 5 V output
April 2016 Rev. 1.0
AMS4711 WOLFSPEED-AMS4711 Datasheet
539Kb / 8P
Miniaturized pressure transmitter with 0 .. 5 V output
March 2015 Rev. 4.0
AMS4712 WOLFSPEED-AMS4712 Datasheet
607Kb / 8P
Miniaturized pressure transmitter with 4 .. 20 mA output
March 2015 Rev. 4.0
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com