Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AMS4711 Datasheet (PDF) - WOLFSPEED, INC.

AMS4711 Datasheet PDF - WOLFSPEED, INC.
Part # AMS4711
Download  AMS4711 Download
File Size   539.67 Kbytes
Page   8 Pages
Manufacturer  WOLFSPEED [WOLFSPEED, INC.]
Direct Link  https://www.wolfspeed.com/
Logo WOLFSPEED - WOLFSPEED, INC.
Description Miniaturized pressure transmitter with 0 .. 5 V output

AMS4711 Datasheet (PDF)

Go To PDF Page Download Datasheet
AMS4711 Datasheet PDF - WOLFSPEED, INC.

Part # AMS4711
Download  AMS4711 Click to download

File Size   539.67 Kbytes
Page   8 Pages
Manufacturer  WOLFSPEED [WOLFSPEED, INC.]
Direct Link  https://www.wolfspeed.com/
Logo WOLFSPEED - WOLFSPEED, INC.
Description Miniaturized pressure transmitter with 0 .. 5 V output

AMS4711 Datasheet (HTML) - WOLFSPEED, INC.


AMS4711 Product details

FEATURES
 Calibrated and temperature compensated
pressure sensor with 0 .. 5 V output voltage
 Differential / gage, bidirectional differential,
absolute and barometric versions
 Wide variety of pressure ranges:
5 mbar up to 2 bar
 Piezoresistive sensing element
 High precision digital signal conditioning
 High accuracy at room temperature
 Low overall error within a temperature range
of -25 .. +85°C
 Supply voltage range: 8 .. 36 V
 Compact and robust package
 Dust- and water-tight (IP67)
 M5 circular sensor connector
 Ready to use, simple and quick installation
 RoHS and REACH compliant
TYPICAL APPLICATIONS
 Static pressure sensing
 Dynamic pressure sensing
 Barometric pressure sensing
 Vacuum measurement
 Level measurement
 Gas flow measurement
 Heating, Ventilation and Air Conditioning
(HVAC)
GENERAL DESCRIPTION
AMS 4711 is a series of miniaturized pressure
transmitters suitable for industrial applications and
high precision measurements. All AMS 4711 can
be powered within a supply voltage range of
VS = 8 .. 36 V and provide an industrial output
voltage range of VOUT = 0 .. 5 V. They are
calibrated and temperature compensated in a wide
temperature range of -25 .. +85°C.
AMS 4711 comes in a robust plastic package and
is ready to use. Pressure is either applied via two
barbed side ports for differential (relative) or
bidirectional differential pressure transmitter types
or via a single port for absolute or barometric
types. The electrical connection is realized with an
M5 circular sensor connector. AMS 4711’s
package is dust- and water-tight conforming to
IP67.
The pressure transmitters in the AMS 4711 series
are available for various applications and pressure
ranges: Differential (relative) devices in pressure
ranges from 0 .. 5 mbar up to 0 .. 2 bar, absolute
pressure variants for 0 .. 1 bar and 0 .. 2 bar as
well as a barometric type for 0.7 .. 1.2 bar.
Bidirectional-differential devices are available from
-5 .. +5 mbar up to -1 ..+1 bar for measurement of
positive and negative differential pressure. Other
pressure ranges and customized output voltage
ranges are available on request




Similar Part No. - AMS4711

ManufacturerPart #DatasheetDescription
logo
Analog Microelectronics...
AMS4711 ANALOGMICRO-AMS4711 Datasheet
539Kb / 8P
Miniaturized pressure transmitter with 0 .. 5 V output
March 2015
More results


Similar Description - AMS4711

ManufacturerPart #DatasheetDescription
logo
Intersema Sensoric SA
MS7905 INTERSEMA-MS7905 Datasheet
220Kb / 5P
PRESSURE SENSOR DIE (0-5 BAR)
logo
Festo Corporation.
571471 FESTO-571471 Datasheet
92Kb / 2P
Pressure transmitter
571472 FESTO-571472 Datasheet
92Kb / 2P
Pressure transmitter
571476 FESTO-571476 Datasheet
92Kb / 2P
Pressure transmitter
571482 FESTO-571482 Datasheet
92Kb / 2P
Pressure transmitter
571483 FESTO-571483 Datasheet
82Kb / 2P
Pressure transmitter
logo
WOLFSPEED, INC.
AMS2710 WOLFSPEED-AMS2710 Datasheet
597Kb / 8P
PCB pressure sensor module with 0 .. 10 V output
February 2018 Rev. 1.0
AMS3011 WOLFSPEED-AMS3011 Datasheet
511Kb / 8P
Miniaturized pressure transmitter with 0 .. 5 V output
April 2016 Rev. 1.0
AMS4710 WOLFSPEED-AMS4710 Datasheet
610Kb / 8P
Miniaturized pressure transmitter with analog 0 ... 10 V output
March 2020 Rev. 1.0
AMS4712 WOLFSPEED-AMS4712 Datasheet
607Kb / 8P
Miniaturized pressure transmitter with 4 .. 20 mA output
March 2015 Rev. 4.0
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com