Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AMS2710 Datasheet (PDF) - WOLFSPEED, INC.

AMS2710 Datasheet PDF - WOLFSPEED, INC.
Part # AMS2710
Download  AMS2710 Download
File Size   597.65 Kbytes
Page   8 Pages
Manufacturer  WOLFSPEED [WOLFSPEED, INC.]
Direct Link  https://www.wolfspeed.com/
Logo WOLFSPEED - WOLFSPEED, INC.
Description PCB pressure sensor module with 0 .. 10 V output

AMS2710 Datasheet (PDF)

Go To PDF Page Download Datasheet
AMS2710 Datasheet PDF - WOLFSPEED, INC.

Part # AMS2710
Download  AMS2710 Click to download

File Size   597.65 Kbytes
Page   8 Pages
Manufacturer  WOLFSPEED [WOLFSPEED, INC.]
Direct Link  https://www.wolfspeed.com/
Logo WOLFSPEED - WOLFSPEED, INC.
Description PCB pressure sensor module with 0 .. 10 V output

AMS2710 Datasheet (HTML) - WOLFSPEED, INC.


AMS2710 Product details

FEATURES
 Universal pressure sensor module with
0 .. 10 V voltage output
 Fully calibrated and temperature
compensated sensor module
 Variants for (bidirectional) differential, gage,
absolute and barometric pressure
 Wide variety of pressure ranges:
5 mbar up to 2 bar
 Piezoresistive sensing principle
 High precision signal conditioning
 Typical accuracy < 0.5 %FSO @ room
temperature for standard pressure ranges
 Typical overall error < 0.7 %FSO within
-25 .. +85 °C for standard pressure ranges
 Supply voltage range: 12 .. 36 V
 Integrated circuit protection against reverse
polarity, current limited output
 Different product variants with solder pads,
terminal block or DIL pins
 Ready for packaging or integration in other
assemblies
 Compact size (30 mm x 27.5 mm x 14.3 mm)
 RoHS and REACH compliant
TYPICAL APPLICATIONS
 Static pressure sensing
 Dynamic pressure sensing
 Barometric pressure sensing
 Vacuum measurement
 Level measurement
 Gas flow measurement
 Heating, Ventilation and Air Conditioning
(HVAC)
GENERAL DESCRIPTION
AMS 2710 is a series of miniaturized pressure
sensor modules with analog 0 .. 10 V output in
various pressure ranges. The sensor modules are
calibrated and temperature compensated in a wide
temperature range of -25 .. 85 °C and allow
precise pressure measurements with high long
term stability.
With its large supply voltage range of 12 .. 36 V,
reverse polarity protection (Vs - GND) and the
current limited voltage output the sensor modules
AMS 2710 are especially suitable for applications
in industrial environments.
AMS 2710 can be easily integrated in other
assemblies or used stand alone in a suitable
package. Pressure is applied via metal pressure
ports, the electrical connection can be done via
solder pads, pin connectors or a PCB terminal
block.
The pressure sensor modules in the AMS 2710
series are available for various pressure ranges
and types: Differential (relative) devices in
pressure ranges from 0 .. 5 mbar up to 0 .. 2 bar,
absolute pressure variants for 0 .. 1 and 0 .. 2 bar
as well as a barometric type for 0.7 .. 1.2 bar.
Bidirectional differential devices are available from
-5 .. +5 mbar up to -1 .. +1 bar for measurement of
positive and negative pressure differences. Other
pressure ranges or modifications are available on
request




Similar Part No. - AMS2710

ManufacturerPart #DatasheetDescription
logo
Analog Microelectronics...
AMS2710 ANALOGMICRO-AMS2710 Datasheet
597Kb / 8P
PCB pressure sensor module with 0 .. 10 V output
February 2018
More results


Similar Description - AMS2710

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MPX5010 MOTOROLA-MPX5010 Datasheet
191Kb / 10P
INTEGRATED PRESSURE SENSOR 0 to 10 kPa (0 to 1.45 psi) 0.2 to 4.7 V OUTPUT
MPX5700 MOTOROLA-MPX5700 Datasheet
148Kb / 8P
INTEGRATED PRESSURE SENSOR 0 to 700 kPa (0 to 101.5 psi) 0.2 to 4.7 V OUTPUT
logo
Intersema Sensoric SA
MS5535B INTERSEMA-MS5535B Datasheet
635Kb / 23P
PRESSURE SENSOR MODULE
MS7310D INTERSEMA-MS7310D Datasheet
195Kb / 4P
LOW PRESSURE SENSOR DIE (0 to 10 kPa)
MS5535-30C INTERSEMA-MS5535-30C Datasheet
732Kb / 21P
PRESSURE SENSOR MODULE
logo
NXP Semiconductors
MPXC2011DT1 NXP-MPXC2011DT1 Datasheet
107Kb / 7P
MPXC2011DT1, 0 to 10 kPa, Differential, Compensated Pressure Sensor
Rev. 11, 09/2015
logo
WOLFSPEED, INC.
AMS2712 WOLFSPEED-AMS2712 Datasheet
604Kb / 8P
PCB pressure sensor module with 4 .. 20 mA current output
May 2017 - Rev. 1.0
AMS3011 WOLFSPEED-AMS3011 Datasheet
511Kb / 8P
Miniaturized pressure transmitter with 0 .. 5 V output
April 2016 Rev. 1.0
AMS4710 WOLFSPEED-AMS4710 Datasheet
610Kb / 8P
Miniaturized pressure transmitter with analog 0 ... 10 V output
March 2020 Rev. 1.0
AMS4711 WOLFSPEED-AMS4711 Datasheet
539Kb / 8P
Miniaturized pressure transmitter with 0 .. 5 V output
March 2015 Rev. 4.0
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com