Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AMS2710 Datasheet (PDF) - Analog Microelectronics GmbH

AMS2710 Datasheet PDF - Analog Microelectronics GmbH
Part # AMS2710
Download  AMS2710 Download
File Size   597.94 Kbytes
Page   8 Pages
Manufacturer  ANALOGMICRO [Analog Microelectronics GmbH]
Direct Link  https://www.analog-micro.com
Logo ANALOGMICRO - Analog Microelectronics GmbH
Description PCB pressure sensor module with 0 .. 10 V output

AMS2710 Datasheet (PDF)

Go To PDF Page Download Datasheet
AMS2710 Datasheet PDF - Analog Microelectronics GmbH

Part # AMS2710
Download  AMS2710 Click to download

File Size   597.94 Kbytes
Page   8 Pages
Manufacturer  ANALOGMICRO [Analog Microelectronics GmbH]
Direct Link  https://www.analog-micro.com
Logo ANALOGMICRO - Analog Microelectronics GmbH
Description PCB pressure sensor module with 0 .. 10 V output

AMS2710 Datasheet (HTML) - Analog Microelectronics GmbH


AMS2710 Product details

FEATURES
 Universal pressure sensor module with 0 .. 10 V voltage output
 Fully calibrated and temperature compensated sensor module
 Variants for (bidirectional) differential, gage, absolute and barometric pressure
 Wide variety of pressure ranges: 5 mbar up to 2 bar
 Piezoresistive sensing principle
 High precision signal conditioning
 Typical accuracy < 0.5 %FSO @ room temperature for standard pressure ranges
 Typical overall error < 0.7 %FSO within -25 .. +85 °C for standard pressure ranges
 Supply voltage range: 12 .. 36 V
 Integrated circuit protection against reverse polarity, current limited output
 Different product variants with solder pads, terminal block or DIL pins
 Ready for packaging or integration in other assemblies
 Compact size (30 mm x 27.5 mm x 14.3 mm)
 RoHS and REACH compliant

GENERAL DESCRIPTION
AMS 2710 is a series of miniaturized pressure sensor modules with analog 0 .. 10 V output in various pressure ranges. The sensor modules are calibrated and temperature compensated in a wide temperature range of -25 .. 85 °C and allow precise pressure measurements with high long term stability.
With its large supply voltage range of 12 .. 36 V, reverse polarity protection (Vs - GND) and the current limited voltage output the sensor modules AMS 2710 are especially suitable for applications in industrial environments.
AMS 2710 can be easily integrated in other assemblies or used stand alone in a suitable package. Pressure is applied via metal pressure ports, the electrical connection can be done via solder pads, pin connectors or a PCB terminal block.
The pressure sensor modules in the AMS 2710 series are available for various pressure ranges and types: Differential (relative) devices in pressure ranges from 0 .. 5 mbar up to 0 .. 2 bar, absolute pressure variants for 0 .. 1 and 0 .. 2 bar as well as a barometric type for 0.7 .. 1.2 bar. Bidirectional differential devices are available from -5 .. +5 mbar up to -1 .. +1 bar for measurement of positive and negative pressure differences. Other pressure ranges or modifications are available on request.

TYPICAL APPLICATIONS
 Static pressure sensing
 Dynamic pressure sensing
 Barometric pressure sensing
 Vacuum measurement
 Level measurement
 Gas flow measurement
 Heating, Ventilation and Air Conditioning (HVAC)




Similar Part No. - AMS2710

ManufacturerPart #DatasheetDescription
logo
WOLFSPEED, INC.
AMS2710 WOLFSPEED-AMS2710 Datasheet
597Kb / 8P
PCB pressure sensor module with 0 .. 10 V output
February 2018 Rev. 1.0
More results


Similar Description - AMS2710

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MPX5010 MOTOROLA-MPX5010 Datasheet
191Kb / 10P
INTEGRATED PRESSURE SENSOR 0 to 10 kPa (0 to 1.45 psi) 0.2 to 4.7 V OUTPUT
MPX5700 MOTOROLA-MPX5700 Datasheet
148Kb / 8P
INTEGRATED PRESSURE SENSOR 0 to 700 kPa (0 to 101.5 psi) 0.2 to 4.7 V OUTPUT
logo
Intersema Sensoric SA
MS5535B INTERSEMA-MS5535B Datasheet
635Kb / 23P
PRESSURE SENSOR MODULE
MS7310D INTERSEMA-MS7310D Datasheet
195Kb / 4P
LOW PRESSURE SENSOR DIE (0 to 10 kPa)
logo
NXP Semiconductors
MPXC2011DT1 NXP-MPXC2011DT1 Datasheet
107Kb / 7P
MPXC2011DT1, 0 to 10 kPa, Differential, Compensated Pressure Sensor
Rev. 11, 09/2015
logo
WOLFSPEED, INC.
AMS2710 WOLFSPEED-AMS2710 Datasheet
597Kb / 8P
PCB pressure sensor module with 0 .. 10 V output
February 2018 Rev. 1.0
AMS2712 WOLFSPEED-AMS2712 Datasheet
604Kb / 8P
PCB pressure sensor module with 4 .. 20 mA current output
May 2017 - Rev. 1.0
AMS3011 WOLFSPEED-AMS3011 Datasheet
511Kb / 8P
Miniaturized pressure transmitter with 0 .. 5 V output
April 2016 Rev. 1.0
AMS4710 WOLFSPEED-AMS4710 Datasheet
610Kb / 8P
Miniaturized pressure transmitter with analog 0 ... 10 V output
March 2020 Rev. 1.0
AMS4711 WOLFSPEED-AMS4711 Datasheet
539Kb / 8P
Miniaturized pressure transmitter with 0 .. 5 V output
March 2015 Rev. 4.0
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com