Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AMS4710 Datasheet (PDF) - Analog Microelectronics GmbH

AMS4710 Datasheet PDF - Analog Microelectronics GmbH
Part # AMS4710
Download  AMS4710 Download
File Size   610.76 Kbytes
Page   8 Pages
Manufacturer  ANALOGMICRO [Analog Microelectronics GmbH]
Direct Link  https://www.analog-micro.com
Logo ANALOGMICRO - Analog Microelectronics GmbH
Description Miniaturized pressure transmitter with analog 0 ... 10 V output

AMS4710 Datasheet (PDF)

Go To PDF Page Download Datasheet
AMS4710 Datasheet PDF - Analog Microelectronics GmbH

Part # AMS4710
Download  AMS4710 Click to download

File Size   610.76 Kbytes
Page   8 Pages
Manufacturer  ANALOGMICRO [Analog Microelectronics GmbH]
Direct Link  https://www.analog-micro.com
Logo ANALOGMICRO - Analog Microelectronics GmbH
Description Miniaturized pressure transmitter with analog 0 ... 10 V output

AMS4710 Datasheet (HTML) - Analog Microelectronics GmbH


AMS4710 Product details

FEATURES
 Amplified, calibrated and temperature compensated pressure sensor with 0 … 10 V output voltage
 Variants for differential / gage, bidirectional differential, absolute and barometric pressure
 Wide variety of pressure ranges: 5 mbar up to 2 bar full scale pressure
 Piezoresistive sensing principle
 High precision digital signal conditioning
 Typical total accuracy < 0.5 %FSO at room temperature for standard pressure ranges
 Typical TEB < 0.7 %FSO (-25 … 85 °C) for standard pressure ranges
 Wide supply voltage range: 12 … 36 V
 Integrated circuit protection against reverse polarity, current limited output
 Compact and robust package
 Dust-and water-tight (IP67)
 M5 circular sensor connector
 Compact size (35 mm x 25 mm x 13.5 mm)
 Ready to use, simple and quick installation
 RoHS and REACH compliant

TYPICAL APPLICATIONS
 Static pressure sensing
 Dynamic pressure sensing
 Barometric pressure sensing
 Vacuum measurement
 Level measurement
 Gas flow measurement
 Heating, Ventilation and Air Conditioning (HVAC)
 Medical Instrumentation

GENERAL DESCRIPTION
AMS 4710 is a series of ready-to-use, miniaturized pressure transmitters suitable for industrial and medical applications. The matchbox-sized pressure transmitters are calibrated and temperature compensated in a wide temperature range of -25 … 85 °C and allow precise pressure measurements with high long term stability.
AMS 4710 features a large supply voltage range of 12 … 36 V, reverse polarity protection (Vs – GND) and a current limited 0 … 10 V voltage output. It comes in a robust plastic package, which is dust- and water-tight conforming to IP67.
Pressure is either applied through two barbed side ports for differential (relative) or bidirectional differential pressure transmitter types or through a single port for absolute or barometric types. The electrical connection is realized with an M5 circular sensor connector.
The pressure transmitters in the AMS 4710 series are availabe for all pressure types and various pressure ranges: differential pressure sensors (also for relative/gage meausurements) in pressure ranges from 0 … 5 mbar up to 0 … 2 bar, absolute pressure sensors for 0 … 1 bar and 0 … 2 bar as well as a barometric sensor for 0.7 … 1.2 bar. Bidirectional differential sensors are available from -5 … 5 mbar up to -1 … 1 bar for the measurement of positive and negative differential pressure.
Custom pressure ranges or modifications are availble on request.




Similar Part No. - AMS4710

ManufacturerPart #DatasheetDescription
logo
WOLFSPEED, INC.
AMS4710 WOLFSPEED-AMS4710 Datasheet
610Kb / 8P
Miniaturized pressure transmitter with analog 0 ... 10 V output
March 2020 Rev. 1.0
More results


Similar Description - AMS4710

ManufacturerPart #DatasheetDescription
logo
WAGO Kontakttechnik Gmb...
753-550 WAGO-753-550 Datasheet
539Kb / 12P
2-channel analog output; 0 ... 10 VDC
750-550 WAGO-750-550 Datasheet
405Kb / 12P
2-channel analog output; 0 ... 10 VDC
750-562 WAGO-750-562 Datasheet
523Kb / 11P
2-channel analog output; 0 ??10 V/짹10 VDC; 16 bits
753-559 WAGO-753-559 Datasheet
553Kb / 12P
4-channel analog output; 0 ... 10 VDC
logo
Schneider Electric
STBAVO1255K SCHNEIDER-STBAVO1255K Datasheet
143Kb / 5P
basic analog output kit STB - 0..10 V - 2 O - 10 bits
Apr 8, 2022
logo
WOLFSPEED, INC.
AMS2710 WOLFSPEED-AMS2710 Datasheet
597Kb / 8P
PCB pressure sensor module with 0 .. 10 V output
February 2018 Rev. 1.0
AMS3011 WOLFSPEED-AMS3011 Datasheet
511Kb / 8P
Miniaturized pressure transmitter with 0 .. 5 V output
April 2016 Rev. 1.0
AMS4710 WOLFSPEED-AMS4710 Datasheet
610Kb / 8P
Miniaturized pressure transmitter with analog 0 ... 10 V output
March 2020 Rev. 1.0
AMS4711 WOLFSPEED-AMS4711 Datasheet
539Kb / 8P
Miniaturized pressure transmitter with 0 .. 5 V output
March 2015 Rev. 4.0
AMS4712 WOLFSPEED-AMS4712 Datasheet
607Kb / 8P
Miniaturized pressure transmitter with 4 .. 20 mA output
March 2015 Rev. 4.0
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com