Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9237 Datasheet (PDF) - Analog Devices

AD9237 Datasheet PDF - Analog Devices
Part # AD9237
Download  AD9237 Download
File Size   1005.05 Kbytes
Page   28 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description 12-Bit, 20 MSPS/40 MSPS/65 MSPS 3 V Low Power A/D Converter

AD9237 Datasheet (PDF)

Go To PDF Page Download Datasheet
AD9237 Datasheet PDF - Analog Devices

Part # AD9237
Download  AD9237 Click to download

File Size   1005.05 Kbytes
Page   28 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description 12-Bit, 20 MSPS/40 MSPS/65 MSPS 3 V Low Power A/D Converter

AD9237 Datasheet (HTML) - Analog Devices


AD9237 Product details

GENERAL DESCRIPTION
The AD9237 is a family of monolithic, single 3 V supply, 12-bit, 20 MSPS/40 MSPS/65 MSPS analog-to-digital converters (ADC). This family features a high performance sample-and-hold amplifier (SHA) and voltage reference. The AD9237 uses a multistage differential pipelined architecture with output error correction logic to provide 12-bit accuracy at 20 MSPS/40 MSPS/65 MSPS data rates and guarantees no missing codes over the full operating temperature range.

FEATURES
    Ultralow power 85 mW at 20 MSPS 135 mW at 40 MSPS 190 mW at 65 MSPS
    SNR = 66 dBc to Nyquist at 65 MSPS
    SFDR = 80 dBc to Nyquist at 65 MSPS
    DNL = ±0.7 LSB
    Differential input with 500 MHz bandwidth
    Flexible analog input: 1 V p-p to 4 V p-p range
    Offset binary, twos complement, or gray code data formats
    Output enable pin
    2-step power-down
    Full power-down and sleep mode
    Clock duty cycle stabilizer

APPLICATIONS
    Ultrasound and medical imaging
    Battery-powered instruments
    Hand-held scope meters
    Low cost digital oscilloscopes
    Low power digital still cameras and copiers
    Low power communications
   




Similar Part No. - AD9237

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD9237 AD-AD9237 Datasheet
611Kb / 25P
3 V Low Power A/D Converter
Rev. C
AD9237BCP-20EB AD-AD9237BCP-20EB Datasheet
902Kb / 28P
High Speed ADC USB FIFO Evaluation Kit
REV. 0
AD9237BCP-40EB AD-AD9237BCP-40EB Datasheet
902Kb / 28P
High Speed ADC USB FIFO Evaluation Kit
REV. 0
AD9237BCP-65EB AD-AD9237BCP-65EB Datasheet
902Kb / 28P
High Speed ADC USB FIFO Evaluation Kit
REV. 0
AD9237BCPZ-40 AD-AD9237BCPZ-40 Datasheet
611Kb / 25P
3 V Low Power A/D Converter
Rev. C
More results


Similar Description - AD9237

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD9245 AD-AD9245 Datasheet
881Kb / 32P
14-Bit, 20 MSPS/40 MSPS/65 MSPS/80 MSPS, 3 V A/D Converter
1/06-Rev. C to Rev. D
AD9238 AD-AD9238_05 Datasheet
1Mb / 48P
12-Bit, 20 MSPS/40 MSPS/65 MSPS Dual A/D Converter
4/05-Rev. A to Rev. B
AD9235BCPZ-20 AD-AD9235BCPZ-20 Datasheet
838Kb / 40P
12-Bit, 20/40/65 MSPS 3 V A/D Converter
REV. D
AD9235BCPZ-65 AD-AD9235BCPZ-65 Datasheet
838Kb / 40P
12-Bit, 20/40/65 MSPS 3 V A/D Converter
REV. D
AD9235BCP-20EBZ AD-AD9235BCP-20EBZ Datasheet
838Kb / 40P
12-Bit, 20/40/65 MSPS 3 V A/D Converter
REV. D
AD9235BCP-65EBZ AD-AD9235BCP-65EBZ Datasheet
838Kb / 40P
12-Bit, 20/40/65 MSPS 3 V A/D Converter
REV. D
AD9235 AD-AD9235_15 Datasheet
838Kb / 40P
12-Bit, 20/40/65 MSPS 3 V A/D Converter
REV. D
AD9237 AD-AD9237_15 Datasheet
570Kb / 24P
12-Bit, 20 MSPS/40 MSPS/65 MSPS 3 V Low Power A/D Converter
REV. C
AD9238 AD-AD9238_15 Datasheet
1Mb / 48P
12-Bit, 20 MSPS/40 MSPS/65 MSPS Dual A/D Converter
REV. C
AD9245 AD-AD9245_15 Datasheet
810Kb / 32P
14-Bit, 20 MSPS/40 MSPS/65 MSPS/80 MSPS, 3 V A/D Converter
Rev. E
More results




About Analog Devices


Analog Devices, Inc. (ADI) is a publicly traded company that designs, develops, and manufactures high-performance analog, mixed-signal, and digital signal processing (DSP) integrated circuits (ICs).
The company was founded in 1965 and is headquartered in Norwood, Massachusetts.
ADI serves a wide range of industries, including aerospace and defense, automotive, communications, consumer, industrial, medical, and test and measurement.
The company's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and radio frequency (RF) and microwave components, among others.
ADI is dedicated to innovation and customer satisfaction, and is committed to providing its customers with high-quality, reliable solutions to meet their needs.
With a focus on energy efficiency and sustainability, ADI is a leader in the analog and mixed-signal IC industry, driving technological advancements and providing innovative solutions to the world's most challenging problems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com