Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9237 Datasheet(PDF) 3 Page - Analog Devices

Part # AD9237
Description  12-Bit, 20 MSPS/40 MSPS/65 MSPS 3 V Low Power A/D Converter
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9237 Datasheet(HTML) 3 Page - Analog Devices

  AD9237 Datasheet HTML 1Page - Analog Devices AD9237 Datasheet HTML 2Page - Analog Devices AD9237 Datasheet HTML 3Page - Analog Devices AD9237 Datasheet HTML 4Page - Analog Devices AD9237 Datasheet HTML 5Page - Analog Devices AD9237 Datasheet HTML 6Page - Analog Devices AD9237 Datasheet HTML 7Page - Analog Devices AD9237 Datasheet HTML 8Page - Analog Devices AD9237 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 28 page
background image
AD9237
Rev. 0 | Page 3 of 28
SPECIFICATIONS
DC SPECIFICATIONS
AVDD = 3 V, DRVDD = 2.5 V, maximum sample rate, 2 V p-p differential input, −0.5 dBFS input, 1.0 V internal reference, TMIN to TMAX,
unless otherwise noted.
Table 1.
AD9237BCP-20
AD9237BCP-40
AD9237BCP-65
Parameter
Min
Typ
Max
Min
Typ
Max
Min
Typ
Max
Unit
RESOLUTION
12
12
12
Bits
ACCURACY
No Missing Codes Guaranteed
12
12
12
Bits
Offset Error
±1.30
±1.95
±1.30
±1.95
±1.30
±1.95
% FSR
Gain Error1
±0.70
±2.10
±0.75
±2.10
±1.05
±2.25
% FSR
Differential Nonlinearity (DNL)2
±0.70
±0.95
±0.70
±0.95
−1.00
±0.70
+1.25
LSB
Integral Nonlinearity (INL)2
±0.90
±1.35
±0.90
±1.35
±0.90
±2.00
LSB
TEMPERATURE DRIFT
Offset Error
±2
±2
±2
ppm/°C
Gain Error1
±12
±12
±12
ppm/°C
INTERNAL VOLTAGE REFERENCE
Output Voltage Error (1 V Mode)
±5
±25
±5
±25
±5
±25
mV
Load Regulation @ 1.0 mA
0.8
0.8
0.8
mV
Output Voltage Error (0.5 V Mode)
±2.5
±2.5
±2.5
mV
Load Regulation @ 0.5 mA
0.1
0.1
0.1
mV
Reference Input Resistance
7
7
7
kΩ
INPUT REFERRED NOISE
VREF = 0.5 V
1.35
1.35
1.35
LSB rms
VREF = 1.0 V
0.70
0.70
0.70
LSB rms
ANALOG INPUT
Input Span
VREF = 0.5 V; MODE2 = 0 V
1
1
1
V p-p
VREF = 1.0 V; MODE2 = 0 V
2
2
2
V p-p
VREF = 0.5 V; MODE2 = AVDD
2
2
2
V p-p
VREF = 1.0 V; MODE2 = AVDD
4
4
4
V p-p
Input Capacitance3
7
7
7
pF
POWER SUPPLIES
Supply Voltages
AVDD
2.7
3.0
3.6
2.7
3.0
3.6
2.7
3.0
3.6
V
DRVDD
2.25
2.5
3.6
2.25
2.5
3.6
2.25
2.5
3.6
V
Supply Current
IAVDD2
30.5
45.5
64.5
mA
IDRVDD2
3.0
4.5
5.5
mA
PSRR
±0.01
±0.01
±0.01
% FSR
POWER CONSUMPTION
DC Input4
85
135
190
mW
Sine Wave Input2
100
120
150
180
210
270
mW
Power-Down Mode
1
1
1
mW
Standby Power
20
20
20
mW
1 Gain error and gain temperature coefficient are based on the ADC only (with a fixed 1.0 V external reference).
2 Measured at maximum clock rate, fIN = 2.4 MHz, full-scale sine wave, with approximately 5 pF loading on each output bit.
3 Input capacitance refers to the effective capacitance between one differential input pin and AGND. Refer to Figure 4 for the equivalent analog input structure.
4 Measured with dc input at maximum clock rate.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com