Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9237 Datasheet(PDF) 24 Page - Analog Devices

Part # AD9237
Description  12-Bit, 20 MSPS/40 MSPS/65 MSPS 3 V Low Power A/D Converter
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9237 Datasheet(HTML) 24 Page - Analog Devices

Back Button AD9237 Datasheet HTML 20Page - Analog Devices AD9237 Datasheet HTML 21Page - Analog Devices AD9237 Datasheet HTML 22Page - Analog Devices AD9237 Datasheet HTML 23Page - Analog Devices AD9237 Datasheet HTML 24Page - Analog Devices AD9237 Datasheet HTML 25Page - Analog Devices AD9237 Datasheet HTML 26Page - Analog Devices AD9237 Datasheet HTML 27Page - Analog Devices AD9237 Datasheet HTML 28Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 24 / 28 page
background image
AD9237
Rev. 0 | Page 24 of 28
TO USE AMPLIFIER
PLACE ALL COMPONENTS SHOWN HERE (RIGHT)
EXCEPT R40 OR R41
REMOVE R12, R3, R18, R42, C6, C18
1
48
2
47
3
46
4
45
5
44
6
43
7
42
8
41
9
40
10
39
11
38
12
37
13
36
14
35
15
34
16
33
17
32
18
31
19
30
20
29
21
28
22
27
23
26
24
25
DRVDD
DRVDD
GND
LSB
D11X
CLKLAT/DAC
D0X
GND
GND
D9X
D10X
D12X
D13X
ORX
CLKLAT/DAC
MSB
D1X
D2X
D3X
D4X
D5X
D6X
D7X
D8X
GND
DRVDD
DRVDD
ORY
GND
GND
GND
GND
GND
GND
1CLK
1D1
1D2
1D3
1D4
1D5
1D6
1D7
1D8
2CLK
U1
74LVTH162374
2D1
2D2
2D3
2D4
2D5
2D6
2D7
2D8
GND4
GND5
GND6
GND7
VCC2
VCC3
1Q1
1Q2
1Q3
1Q4
1Q5
1Q6
1Q7
1Q8
2Q1
2Q2
2Q3
2Q4
2Q5
2Q6
2Q7
2Q8
GND
GND1
GND2
GND3
VCC
VCC1
1OE
2OE
HEADER 40
P12
1
3
5
7
9
11
13
15
17
19
21
23
25
27
29
31
33
35
37
39
2
4
6
8
10
12
14
16
18
20
22
24
26
28
30
32
34
36
38
40
1
3
5
7
9
11
13
15
17
19
21
23
25
27
29
31
33
35
37
39
2
4
6
8
10
12
14
16
18
20
22
24
26
28
30
32
34
36
38
40
GND
GND
GND
DR
GND
MSB
ORY
C27
0.1
μF
C44
0.1
μF
R16
0
Ω
C17
0.1
μF
C28
0.1
μF
C35
0.1
μF
R17
0
Ω
1
PWDN
10 VOCM
2
RGP1
9 VPOS
3
INHI
8 OPHI
4
INLO
7 OPLO
5
RPG2
6 COMM
GND
AMPINB
AMPIN
GND
VAMP
VAMP
GND
C24
10
μF
GND
C45
0.1
μF
GND
R39
1k
Ω
R38
1k
Ω
R34
1.2k
Ω
R14
25
Ω
VAMP
GND
GND
POWER DOWN
USE R40 OR R41
R41
10k
Ω
R40
10k
Ω
R33
100
Ω
R35
25
Ω
GND
AMP
AMP IN
R19
50
Ω
U3
AD8351
Figure 49. LFCSP Evaluation Board Schematic, Digital Path



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com