Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9237 Datasheet(PDF) 21 Page - Analog Devices

Part # AD9237
Description  12-Bit, 20 MSPS/40 MSPS/65 MSPS 3 V Low Power A/D Converter
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9237 Datasheet(HTML) 21 Page - Analog Devices

Back Button AD9237 Datasheet HTML 17Page - Analog Devices AD9237 Datasheet HTML 18Page - Analog Devices AD9237 Datasheet HTML 19Page - Analog Devices AD9237 Datasheet HTML 20Page - Analog Devices AD9237 Datasheet HTML 21Page - Analog Devices AD9237 Datasheet HTML 22Page - Analog Devices AD9237 Datasheet HTML 23Page - Analog Devices AD9237 Datasheet HTML 24Page - Analog Devices AD9237 Datasheet HTML 25Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 28 page
background image
AD9237
Rev. 0 | Page 21 of 28
By asserting the PDWN pin to AVDD/3, the AD9237 is placed
in standby mode. In this state, the ADC typically dissipates
20 mW. The output drivers are placed in a high impedance
state. The reference circuitry is enabled, allowing for a quick
start upon bringing the ADC into normal operating mode.
DIGITAL OUTPUTS
The AD9237 output drivers can be configured to interface with
2.5 V or 3.3 V logic families by matching DRVDD to the digital
supply of the interfaced logic. The output drivers are sized to
provide sufficient output current to drive a wide variety of logic
families. However, large drive currents tend to cause current
glitches on the supplies that can affect converter performance.
Applications requiring the ADC to drive large capacitive loads
or large fanouts may require external buffers or latches.
The length of the output data lines and loads placed on them
should be minimized to reduce transients within the AD9237;
these transients can detract from the converter’s dynamic
performance.
As detailed in Table 10, the data format can be selected for
either offset binary, twos complement, or gray code.
Operational Mode Selection
The AD9237 can output data in either offset binary, twos
complement, or gray code format. There is also a provision
for enabling or disabling the duty cycle stabilizer (DCS).
The MODE pin is a multilevel input that controls the data
format (except for gray code) and DCS state. The MODE pin
is internally pulled down to AGND by a 70 kΩ resistor. The
input threshold values and corresponding mode selections are
outlined in Table 10.
The gray code output format is obtained by connecting GC to
AVDD. When the part is in gray code mode, the MODE pin
controls the DCS function only. The GC pin is internally pulled
down to AGND by a 70 kΩ resistor.
Table 10. MODE Selection
MODE Voltage
Data Format
Duty Cycle Stabilizer
AVDD
Twos Complement
Disabled
2/3 AVDD
Twos Complement
Enabled
1/3 AVDD
Offset Binary
Enabled
AGND (Default)
Offset Binary
Disabled
Out of Range (OTR)
An out-of-range condition exists when the analog input voltage
is beyond the input range of the ADC. The OTR pin is a digital
output that is updated along with the data output corresponding
to the particular sampled input voltage. Therefore, the OTR pin
has the same pipeline latency as the digital data. OTR is low
when the analog input voltage is within the analog input range,
and high when the analog input voltage exceeds the input range,
as shown in Figure 45. OTR remains high until the analog input
returns to within the input range and another conversion is
completed. By logically AND-ing OTR with the MSB and its
complement, overrange high or underrange low conditions can
be detected. Table 11 is a truth table for the overrange/ under-
range circuit in Figure 46, which uses NAND gates. Systems
requiring programmable gain condition of the AD9237 can,
after eight clock cycles, detect an out-of-range condition;
therefore, eliminating gain selection iterations. In addition,
OTR can be used for digital offset and gain calculation.
–FS – 1/2 LSB
OTR
–FS
–FS + 1/2 LSB
–FS – 1/2 LSB
+FS – 1 LSB
+FS
1
1111 1111 1111
0
1111 1111 1111
0
1111 1111 1110
0
0000 0000 0001
0
0000 0000 0000
0
0000 0000 0000
OTR DATA OUTPUTS
Figure 45. OTR Relation to Input Voltage and Output Data
Table 11. Output Data Format
OTR
MSB
Analog Input Is
0
0
Within range
0
1
Within range
1
0
Underrange
1
1
Overrange
MSB
OTR
MSB
OVER = 1
UNDER = 1
Figure 46. Overrange/Underrange Logic
Digital Output Enable Function (OE)
The AD9237 has three-state ability. The OE pin is internally
pulled down to AGND by a 70 kΩ resistor. If the OE pin is low,
the output data drivers are enabled. If the OE pin is high, the
output data drivers are placed in a high impedance state. It is
not intended for rapid access to the data bus. Note that the
OE pin is referenced to the digital supplies (DRVDD) and
should not exceed that voltage.
Timing
The AD9237 provides latched data outputs with a pipeline delay
of eight clock cycles. Data outputs are available one propagation
delay (tPD) after the rising edge of the clock signal. Refer to
Figure 2 for a detailed timing diagram.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com