Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9237 Datasheet(PDF) 1 Page - Analog Devices

Part # AD9237
Description  12-Bit, 20 MSPS/40 MSPS/65 MSPS 3 V Low Power A/D Converter
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9237 Datasheet(HTML) 1 Page - Analog Devices

  AD9237 Datasheet HTML 1Page - Analog Devices AD9237 Datasheet HTML 2Page - Analog Devices AD9237 Datasheet HTML 3Page - Analog Devices AD9237 Datasheet HTML 4Page - Analog Devices AD9237 Datasheet HTML 5Page - Analog Devices AD9237 Datasheet HTML 6Page - Analog Devices AD9237 Datasheet HTML 7Page - Analog Devices AD9237 Datasheet HTML 8Page - Analog Devices AD9237 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 28 page
background image
12-Bit, 20 MSPS/40 MSPS/65 MSPS
3 V Low Power A/D Converter
AD9237
Rev. 0
Information furnished by Analog Devices is believed to be accurate and reliable. However, no
responsibilityis assumedbyAnalogDevicesforitsuse,norforanyinfringements of patents or other
rightsofthirdpartiesthatmayresultfromitsuse.Specificationssubjecttochangewithoutnotice.No
license is granted by implication or otherwise under any patent or patent rights of Analog Devices.
Trademarksandregisteredtrademarksarethepropertyoftheirrespectiveowners.
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 781.329.4700
www.analog.com
Fax: 781.461.3113
© 2005 Analog Devices, Inc. All rights reserved.
FEATURES
Ultralow power
85 mW at 20 MSPS
135 mW at 40 MSPS
190 mW at 65 MSPS
SNR = 66 dBc to Nyquist at 65 MSPS
SFDR = 80 dBc to Nyquist at 65 MSPS
DNL = ±0.7 LSB
Differential input with 500 MHz bandwidth
Flexible analog input: 1 V p-p to 4 V p-p range
Offset binary, twos complement, or gray code data formats
Output enable pin
2-step power-down
Full power-down and sleep mode
Clock duty cycle stabilizer
APPLICATIONS
Ultrasound and medical imaging
Battery-powered instruments
Hand-held scope meters
Low cost digital oscilloscopes
Low power digital still cameras and copiers
Low power communications
FUNCTIONAL BLOCK DIAGRAM
SHA
VIN+
VIN–
DRVDD
CLK
PDWN
MODE
CLOCK
DUTY CYCLE
STABILIZER
MODE
SELECT
DGND
OTR
D11
D0
AVDD
MDAC1
CORRECTION LOGIC
OUTPUT BUFFERS
REF
SELECT
AGND
0.5V
VREF
SENSE
AD9237
REFT
REFB
MODE2
A/D
A/D
4
15
12
3
OE
10-STAGE
1 1/2-BIT
PIPELINE
Figure 1.
GENERAL DESCRIPTION
The AD9237 is a family of monolithic, single 3 V supply, 12-bit,
20 MSPS/40 MSPS/65 MSPS analog-to-digital converters
(ADC). This family features a high performance sample-and-
hold amplifier (SHA) and voltage reference. The AD9237 uses a
multistage differential pipelined architecture with output error
correction logic to provide 12-bit accuracy at 20 MSPS/
40 MSPS/65 MSPS data rates and guarantees no missing codes
over the full operating temperature range.
With significant power savings over previously available ADCs,
the AD9237 is suitable for applications in imaging and medical
ultrasound.
Fabricated on an advanced CMOS process, the AD9237 is
available in a 32-lead LFCSP and is specified over the industrial
temperature range (−40°C to +85°C).
PRODUCT HIGHLIGHTS
1. Evaluation boards available for all speed grades.
2. Operating at 65 MSPS, the AD9237 consumes a low 190 mW
at 65 MSPS, 135 mW at 40 MSPS, and 85 mW at 20 MSPS.
3. Power scaling reduces the operating power further when
running at lower speeds.
4. The AD9237 operates from a single 3 V power supply and
features a separate digital output driver supply to
accommodate 2.5 V and 3.3 V logic families.
5. The patented SHA input maintains excellent performance
for input frequencies beyond Nyquist and can be configured
for single-ended or differential operation.
6. The AD9237 is optimized for selectable and flexible input
ranges from 1 V p-p to 4 V p-p.
7. An output enable pin allows for multiplexing of the outputs.
8. Two-step power-down supports a standby mode in addition
to a power-down mode.
9. The OTR output bit indicates when the signal is beyond the
selected input range.
10. The clock duty cycle stabilizer (DCS) maintains converter
performance over a wide range of clock pulse widths.


Similar Part No. - AD9237

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD9237 AD-AD9237 Datasheet
611Kb / 25P
3 V Low Power A/D Converter
Rev. C
AD9237BCP-20EB AD-AD9237BCP-20EB Datasheet
902Kb / 28P
High Speed ADC USB FIFO Evaluation Kit
REV. 0
AD9237BCP-40EB AD-AD9237BCP-40EB Datasheet
902Kb / 28P
High Speed ADC USB FIFO Evaluation Kit
REV. 0
AD9237BCP-65EB AD-AD9237BCP-65EB Datasheet
902Kb / 28P
High Speed ADC USB FIFO Evaluation Kit
REV. 0
AD9237BCPZ-40 AD-AD9237BCPZ-40 Datasheet
611Kb / 25P
3 V Low Power A/D Converter
Rev. C
More results

Similar Description - AD9237

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD9245 AD-AD9245 Datasheet
881Kb / 32P
14-Bit, 20 MSPS/40 MSPS/65 MSPS/80 MSPS, 3 V A/D Converter
1/06-Rev. C to Rev. D
AD9238 AD-AD9238_05 Datasheet
1Mb / 48P
12-Bit, 20 MSPS/40 MSPS/65 MSPS Dual A/D Converter
4/05-Rev. A to Rev. B
AD9235BCPZ-20 AD-AD9235BCPZ-20 Datasheet
838Kb / 40P
12-Bit, 20/40/65 MSPS 3 V A/D Converter
REV. D
AD9235BCPZ-65 AD-AD9235BCPZ-65 Datasheet
838Kb / 40P
12-Bit, 20/40/65 MSPS 3 V A/D Converter
REV. D
AD9235BCP-20EBZ AD-AD9235BCP-20EBZ Datasheet
838Kb / 40P
12-Bit, 20/40/65 MSPS 3 V A/D Converter
REV. D
AD9235BCP-65EBZ AD-AD9235BCP-65EBZ Datasheet
838Kb / 40P
12-Bit, 20/40/65 MSPS 3 V A/D Converter
REV. D
AD9235 AD-AD9235_15 Datasheet
838Kb / 40P
12-Bit, 20/40/65 MSPS 3 V A/D Converter
REV. D
AD9237 AD-AD9237_15 Datasheet
570Kb / 24P
12-Bit, 20 MSPS/40 MSPS/65 MSPS 3 V Low Power A/D Converter
REV. C
AD9238 AD-AD9238_15 Datasheet
1Mb / 48P
12-Bit, 20 MSPS/40 MSPS/65 MSPS Dual A/D Converter
REV. C
AD9245 AD-AD9245_15 Datasheet
810Kb / 32P
14-Bit, 20 MSPS/40 MSPS/65 MSPS/80 MSPS, 3 V A/D Converter
Rev. E
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com