Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9237 Datasheet(PDF) 14 Page - Analog Devices

Part # AD9237
Description  12-Bit, 20 MSPS/40 MSPS/65 MSPS 3 V Low Power A/D Converter
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9237 Datasheet(HTML) 14 Page - Analog Devices

Back Button AD9237 Datasheet HTML 10Page - Analog Devices AD9237 Datasheet HTML 11Page - Analog Devices AD9237 Datasheet HTML 12Page - Analog Devices AD9237 Datasheet HTML 13Page - Analog Devices AD9237 Datasheet HTML 14Page - Analog Devices AD9237 Datasheet HTML 15Page - Analog Devices AD9237 Datasheet HTML 16Page - Analog Devices AD9237 Datasheet HTML 17Page - Analog Devices AD9237 Datasheet HTML 18Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 28 page
background image
AD9237
Rev. 0 | Page 14 of 28
15
10
5
FREQUENCY (MHz)
0
–20
–40
–60
–80
–100
–120
020
SNR = 67.1dBFS
SFDR = 87.3dBFS
SFDR dBFS
SFDR dBc
SNR dBc
INPUT AMPLITUDE (AIN)
100
30
40
50
60
70
80
90
–30
–10
–6.5
–15
–20
–25
SNR dBFS
Figure 26. AD9237-40 Two-Tone FFT
fIN1 = 69 MHz, fIN2 = 70 MHz
INPUT FREQUENCY (MHz)
90
85
80
SFDR
SNR
75
70
60
65
55
0
125
100
75
50
25
Figure 27. AD9237-65 SNR/SFDR vs. Input Frequency
CODE
1.00
–1.00
–0.75
–0.50
–0.25
0
0.25
0.50
0.75
0
4096
3584
3072
2560
2048
1536
1024
512
Figure 28. Typical INL
Figure 29. AD9237-40 Two-Tone SNR/SFDR vs. Analog Input with
fIN1 = 69 MHz, fIN2 = 70 MHz
INPUT FREQUENCY (MHz)
90
55
60
65
70
75
80
85
0
125
100
75
50
25
SFDR
SNR
Figure 30. AD9237-40 SNR/SFDR vs. Input Frequency
CODE
1.00
–1.00
–0.75
–0.50
–0.25
0
0.25
0.50
0.75
0
4096
3584
3072
2560
2048
1536
1024
512
Figure 31. Typical DNL



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com