Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9237 Datasheet(PDF) 13 Page - Analog Devices

Part # AD9237
Description  12-Bit, 20 MSPS/40 MSPS/65 MSPS 3 V Low Power A/D Converter
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9237 Datasheet(HTML) 13 Page - Analog Devices

Back Button AD9237 Datasheet HTML 9Page - Analog Devices AD9237 Datasheet HTML 10Page - Analog Devices AD9237 Datasheet HTML 11Page - Analog Devices AD9237 Datasheet HTML 12Page - Analog Devices AD9237 Datasheet HTML 13Page - Analog Devices AD9237 Datasheet HTML 14Page - Analog Devices AD9237 Datasheet HTML 15Page - Analog Devices AD9237 Datasheet HTML 16Page - Analog Devices AD9237 Datasheet HTML 17Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 28 page
background image
AD9237
Rev. 0 | Page 13 of 28
FREQUENCY (MHz)
0
–20
–40
–60
–80
–100
–120
0
30 32.5
25
20
15
10
5
SNR = 67.0dBFS
SFDR = 87.8dBFS
Figure 20. AD9237-65 Two-Tone FFT, fIN1 = 45 MHz, fIN2 = 46 MHz
FREQUENCY (MHz)
0
–20
–40
–60
–80
–100
–120
020
15
10
5
SNR = 67.2dBFS
SFDR = 88.3dBFS
25
20
15
10
5
Figure 21. AD9237-40 Two-Tone FFT
fIN1 = 45 MHz, fIN2 = 46 MHz
FREQUENCY (MHz)
0
–20
–40
–60
–80
–100
–120
030
SNR = 66.9dBFS
SFDR = 84.1dBFS
Figure 22. AD9237-65 Two-Tone FFT, fIN1 = 69 MHz, fIN2 = 70 MHz
SFDR dBFS
SFDR dBc
SNR dBc
INPUT AMPLITUDE (AIN)
100
30
40
50
60
70
80
90
–30
–10
–6.5
–15
–20
–25
SNR dBFS
Figure 23. AD9237-65 Two-Tone SNR/SFDR , vs. Analog Input with
fIN1 = 45 MHz, fIN2 = 46 MHz
SFDR dBFS
SFDR dBc
SNR dBc
INPUT AMPLITUDE (AIN)
100
30
40
50
60
70
80
90
–30
–10
–6.5
–15
–20
–25
SNR dBFS
Figure 24. AD9237-40 Two-Tone SNR/SFDR , vs. Analog Input with
fIN1 = 45 MHz, fIN2 = 46 MHz
SFDR dBFS
SFDR dBc
SNR dBc
INPUT AMPLITUDE (AIN)
100
30
40
50
60
70
80
90
–30
–10
–6.5
–15
–20
–25
SNR dBFS
Figure 25. AD9237-65 Two-Tone SNR/SFDR vs. Analog Input with
fIN1 = 69 MHz, fIN2 = 70 MHz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com