Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADA4853-3YCPZ-R2 Datasheet (PDF) - Analog Devices

ADA4853-3YCPZ-R2 Datasheet PDF - Analog Devices
Part # ADA4853-3YCPZ-R2
Download  ADA4853-3YCPZ-R2 Download
File Size   536.71 Kbytes
Page   16 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description Low Power, Rail-to-Rail Output, Video Op Amp with Ultralow Power Disable

ADA4853-3YCPZ-R2 Datasheet (PDF)

Go To PDF Page Download Datasheet
ADA4853-3YCPZ-R2 Datasheet PDF - Analog Devices

Part # ADA4853-3YCPZ-R2
Download  ADA4853-3YCPZ-R2 Click to download

File Size   536.71 Kbytes
Page   16 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description Low Power, Rail-to-Rail Output, Video Op Amp with Ultralow Power Disable

ADA4853-3YCPZ-R2 Datasheet (HTML) - Analog Devices


ADA4853-3YCPZ-R2 Product details

GENERAL DESCRIPTION

The ADA4853-1/ADA4853-2/ADA4853-3 are low power, low cost, high speed, rail-to-rail output op amps with ultralow power disable that are ideal for portable consumer electronics. Despite their low price, the ADA4853-1/ADA4853-2/ADA4853-3 provide excellent overall performance and versatility. The 100 MHz, −3 dB bandwidth and 120 V/μs slew rate make these amplifiers well-suited for many general-purpose, high speed applications.



FEATURES

Ultralow power-down current: 0.1 μA

Low quiescent current: 1.4 mA/amplifier

Ideal for standard definition video

High speed

  100 MHz, −3 dB bandwidth

  120 V/μs slew rate

0.5 dB flatness: 22 MHz

Differential gain: 0.20%

Differential phase: 0.10°

Single-supply operation

Rail-to-rail output

  Output swings to within 200 mV of either rail

Low voltage offset: 1 mV

Wide supply range: 2.65 V to 5 V



APPLICATIONS

Portable multimedia players

Video cameras

Digital still cameras

Consumer video




Similar Part No. - ADA4853-3YCPZ-R2

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADA4853-3YCPZ-R2 AD-ADA4853-3YCPZ-R2 Datasheet
491Kb / 16P
Low Power, Rail-to-Rail Output, Video Op Amps with Ultralow Power
REV. C
ADA4853-3YCPZ-R2 AD-ADA4853-3YCPZ-R2 Datasheet
534Kb / 20P
Low Power, Rail-to-Rail Output, Video Op Amps with Ultralow Power
Rev. G
ADA4853-3YCPZ-R2 AD-ADA4853-3YCPZ-R2 Datasheet
533Kb / 20P
Low Power, Rail-to-Rail Output, Video Op Amps with Ultralow Power
Rev. G
More results


Similar Description - ADA4853-3YCPZ-R2

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADA4850-1 AD-ADA4850-1 Datasheet
443Kb / 16P
High Speed, Rail-to-Rail Output, Op Amp with Ultralow Power-Down
4/05-Rev. 0 to Rev. A
ADA4853-1 AD-ADA4853-1_07 Datasheet
491Kb / 16P
Low Power, Rail-to-Rail Output, Video Op Amps with Ultralow Power
REV. C
AD8622 AD-AD8622_09 Datasheet
590Kb / 20P
Dual, Low Power, Precision Rail-to-Rail Output Op Amp
REV. 0
AD8624 AD-AD8624 Datasheet
165Kb / 4P
Quad, Low Power, Precision Rail-to-Rail Output Op Amp
Rev. PrA
AD8624ARUZ AD-AD8624ARUZ Datasheet
432Kb / 20P
Low Power, Precision Rail-to-Rail Output Op Amp
REV. C
AD810AR-EBZ AD-AD810AR-EBZ Datasheet
517Kb / 16P
Low Power Video Op Amp with Disable
REV. A
AD810ARZ AD-AD810ARZ Datasheet
339Kb / 16P
Low Power Video Op Amp with Disable
REV. A
logo
Texas Instruments
OPA835 TI1-OPA835_16 Datasheet
2Mb / 57P
Ultralow-Power, Rail-to-Rail Out, Negative Rail In, VFB Op Amp
logo
Analog Devices
ADA4853-1 AD-ADA4853-1_14 Datasheet
534Kb / 20P
Low Power, Rail-to-Rail Output, Video Op Amps with Ultralow Power
Rev. G
AD810 AD-AD810_17 Datasheet
549Kb / 17P
Low Power Video Op Amp with Disable
23-Feb-2017
More results




About Analog Devices


Analog Devices, Inc. (ADI) is a publicly traded company that designs, develops, and manufactures high-performance analog, mixed-signal, and digital signal processing (DSP) integrated circuits (ICs).
The company was founded in 1965 and is headquartered in Norwood, Massachusetts.
ADI serves a wide range of industries, including aerospace and defense, automotive, communications, consumer, industrial, medical, and test and measurement.
The company's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and radio frequency (RF) and microwave components, among others.
ADI is dedicated to innovation and customer satisfaction, and is committed to providing its customers with high-quality, reliable solutions to meet their needs.
With a focus on energy efficiency and sustainability, ADI is a leader in the analog and mixed-signal IC industry, driving technological advancements and providing innovative solutions to the world's most challenging problems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com