Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADA4853-3YCPZ-R2 Datasheet(PDF) 9 Page - Analog Devices

Part # ADA4853-3YCPZ-R2
Description  Low Power, Rail-to-Rail Output, Video Op Amp with Ultralow Power Disable
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADA4853-3YCPZ-R2 Datasheet(HTML) 9 Page - Analog Devices

Back Button ADA4853-3YCPZ-R2 Datasheet HTML 5Page - Analog Devices ADA4853-3YCPZ-R2 Datasheet HTML 6Page - Analog Devices ADA4853-3YCPZ-R2 Datasheet HTML 7Page - Analog Devices ADA4853-3YCPZ-R2 Datasheet HTML 8Page - Analog Devices ADA4853-3YCPZ-R2 Datasheet HTML 9Page - Analog Devices ADA4853-3YCPZ-R2 Datasheet HTML 10Page - Analog Devices ADA4853-3YCPZ-R2 Datasheet HTML 11Page - Analog Devices ADA4853-3YCPZ-R2 Datasheet HTML 12Page - Analog Devices ADA4853-3YCPZ-R2 Datasheet HTML 13Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 16 page
background image
ADA4853-1/ADA4853-2/ADA4853-3
Rev. B | Page 9 of 16
G = +1
VS = 5V
VOUT = 2V p-p
RL = 75Ω HD3
RL = 75Ω HD2
RL = 150Ω HD2
RL = 150Ω HD3
RL = 1kΩ HD3
RL = 1kΩ HD2
–40
–50
–70
–60
–80
–90
–100
–120
–110
0.1
1
10
FREQUENCY (MHz)
Figure 25. Harmonic Distortion vs. Frequency
–30
–100
0.1
10
FREQUENCY (MHz)
1
–40
–50
–60
–70
–80
–90
G= +2
VOUT =2Vp-p
RL =75Ω
VS = 3V HD3
VS =5VHD2
VS =5VHD3
VS =3VHD2
Figure 26. Harmonic Distortion vs. Frequency
01
23
HD2
HD3
4
VOUT (V p-p)
–40
–50
–70
–60
–80
–90
–100
–120
–110
2V
5V
GND
G = +1
VS = 5V
RL = 150Ω
f = 100kHz
Figure 27. Harmonic Distortion for Various Output Voltages
G = +2
RL = 150Ω
25ns/DIV
VS = 3V
VS = 5V
2.60
2.40
2.42
2.44
2.46
2.48
2.50
2.52
2.54
2.56
2.58
Figure 28. Small Signal Pulse Response for Various Supplies
2.60
2.40
2.42
2.44
2.46
2.48
2.50
2.52
2.54
2.56
2.58
G= +1;CL =5pF
G= +2;CL = 0pF,5pF,10pF
VS =5V
RL =150Ω
25ns/DIV
Figure 29. Small Signal Pulse Response for Various Capacitive Loads
G = +2
RL = 150Ω
25ns/DIV
VS = 3V, 5V
3.75
1.25
1.50
1.75
2.00
2.25
2.50
2.75
3.00
3.25
3.50
Figure 30. Large Signal Pulse Response for Various Supplies



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com