Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADA4853-3YCPZ-R2 Datasheet(PDF) 12 Page - Analog Devices

Part # ADA4853-3YCPZ-R2
Description  Low Power, Rail-to-Rail Output, Video Op Amp with Ultralow Power Disable
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADA4853-3YCPZ-R2 Datasheet(HTML) 12 Page - Analog Devices

Back Button ADA4853-3YCPZ-R2 Datasheet HTML 8Page - Analog Devices ADA4853-3YCPZ-R2 Datasheet HTML 9Page - Analog Devices ADA4853-3YCPZ-R2 Datasheet HTML 10Page - Analog Devices ADA4853-3YCPZ-R2 Datasheet HTML 11Page - Analog Devices ADA4853-3YCPZ-R2 Datasheet HTML 12Page - Analog Devices ADA4853-3YCPZ-R2 Datasheet HTML 13Page - Analog Devices ADA4853-3YCPZ-R2 Datasheet HTML 14Page - Analog Devices ADA4853-3YCPZ-R2 Datasheet HTML 15Page - Analog Devices ADA4853-3YCPZ-R2 Datasheet HTML 16Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 12 / 16 page
background image
ADA4853-1/ADA4853-2/ADA4853-3
Rev. B | Page 12 of 16
3.0
2.9
2.8
2.7
2.6
2.5
0.5
0.4
0.3
0.2
0.1
0
VS =3V
050
+0.001
(+0.1%)
–0.001
(–0.1%)
0
102030405060708090 100 110 120 130 140 150
TIME (ns)
1.9
2.0
2.1
2.2
2.3
2.4
2.5
2.6
2.7
2.8
2.9
3.0
3.1
VOUTPUT
VS =5V
RL =150Ω
LOAD CURRENT (mA)
5
10
15202530354045
NEGATIVE SWING
POSITIVE SWING
2VINPUT
2VINPUT – VOUTPUT
Figure 43. Output Voltage vs. Load Current
5.0
4.9
4.8
4.7
4.6
4.5
0.5
0.4
0.3
0.2
0.1
0
VS =5V
050
LOAD CURRENT (mA)
5
10
15202530354045
NEGATIVE SWING
POSITIVE SWING
Figure 44. Output Voltage vs. Load Current
0.25
0
TEMPERATURE (°C)
0.20
0.15
0.10
0.05
–40
–20
0
20
40
60
80
RL =150Ω
VS =3V
–VSAT
+VSAT
VS =5V
Figure 45. Output Saturation Voltage vs. Temperature for Various Supplies
Figure 46. 0.1% Settling Time
6
5
4
2
3
1
0
3
2
1
0
–1
01234
56789
10
TIME (µs)
POWER DOWN
G = +2
VS = 5V
fIN = 100kHz
VOUT
ADA4853-1/
ADA4853-2
VOUT
ADA4853-3
Figure 47. Enable/Disable Time
–40
–100
100k
200M
FREQUENCY (Hz)
1M
10M
100M
–50
–60
–70
–80
–90
VS = 5V
G = +2
RL = 150Ω
VOUT = 2V p-p
VOUT1 TO VOUT2
ADA4853-2
VOUT2 TO VOUT1
ADA4853-2
ADA4853-3
ALL HOSTILE
Figure 48. Crosstalk vs. Frequency



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com