Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

33981 Datasheet (PDF) - NXP Semiconductors

33981 Datasheet PDF - NXP Semiconductors
Part # 33981
Download  33981 Download
File Size   3793.45 Kbytes
Page   51 Pages
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors
Description Single High Side Switch (4.0 mOhm), PWM clock up to 60 kHz

33981 Datasheet (PDF)

Go To PDF Page Download Datasheet
33981 Datasheet PDF - NXP Semiconductors

Part # 33981
Download  33981 Click to download

File Size   3793.45 Kbytes
Page   51 Pages
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors
Description Single High Side Switch (4.0 mOhm), PWM clock up to 60 kHz

33981 Datasheet (HTML) - NXP Semiconductors


33981 Product details

The 33981 is a high frequency, self-protected 4.0 m RDS(ON) high
side switch used to replace electromechanical relays, fuses, and
discrete devices in power management applications.
The 33981 can be controlled by pulse-width modulation (PWM) with
a frequency up to 60 kHz. It is designed for harsh environments, and it
includes self-recovery features. The 33981 is suitable for loads with high
inrush current, as well as motors and all types of resistive and inductive
loads.
The 33981 is packaged in a 12 x 12 mm non-leaded power-enhanced
PQFN package with exposed tabs.

Features
•Single 4.0 m RDS(ON) maximum high side switch
•PWM capability up to 60 kHz with duty cycle from 5 % to 100 %
•Very low standby current
•Slew-rate control with external capacitor
•Over-current and over-temperature protection, under-voltage shutdown, and fault reporting
•Reverse battery protection
•Gate drive signal for external low side N-channel MOSFET with protection features
•Output current monitoring
•Temperature feedback




Similar Part No. - 33981

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
33981 MOTOROLA-33981 Datasheet
469Kb / 24P
High-Frequency, High-Current, Self-Protected High-Side Switch (4.0 m??up to 60 kHz)
logo
Freescale Semiconductor...
33981 FREESCALE-33981 Datasheet
4Mb / 37P
Single High Side Switch
33981B FREESCALE-33981B Datasheet
1Mb / 37P
Single High-Side Switch (4.0 m??, PWM clock up to 60kHz
33981 FREESCALE-33981_09 Datasheet
4Mb / 37P
Single High Side Switch
More results


Similar Description - 33981

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MC33981 MOTOROLA-MC33981 Datasheet
469Kb / 24P
High-Frequency, High-Current, Self-Protected High-Side Switch (4.0 m??up to 60 kHz)
logo
Freescale Semiconductor...
33981B FREESCALE-33981B Datasheet
1Mb / 37P
Single High-Side Switch (4.0 m??, PWM clock up to 60kHz
33984B FREESCALE-33984B Datasheet
1Mb / 36P
Dual Intelligent High-Current Self Protected Silicon High-Side Switch (4.0 mohm)
MC33981 FREESCALE-MC33981 Datasheet
1Mb / 37P
Single High Side Switch (4.0 m廓), PWM clock up to 60 kHz
33984 FREESCALE-33984 Datasheet
952Kb / 38P
Dual Intelligent High-current Self-protected Silicon High Side Switch (4.0 mOhm)
06XSD200 FREESCALE-06XSD200 Datasheet
1Mb / 60P
Dual 6.0 mOhm High Side Switch
10XSD200 FREESCALE-10XSD200 Datasheet
1Mb / 60P
Dual 10 mOhm High Side Switch
17XSF500 FREESCALE-17XSF500 Datasheet
1Mb / 70P
Penta 17 mOhm High Side Switch
logo
NXP Semiconductors
MC17XS6500 NXP-MC17XS6500 Datasheet
987Kb / 73P
Penta 17 mOhm High-side Switch
Rev. 5.0, 12/2017
MC33984 NXP-MC33984 Datasheet
1Mb / 57P
Dual intelligent high-current self-protected silicon high-side switch (4.0 mOhm)
Rev. 17.0, 07/2023
More results




About NXP Semiconductors


NXP Semiconductors is a publicly traded multinational company that designs, develops, and manufactures a wide range of semiconductors and integrated circuits for various applications, including automotive, industrial, communications, and consumer markets.

The company was founded in 2006 and is headquartered in Eindhoven, Netherlands.

NXP offers a broad portfolio of products, including microcontrollers, microprocessors, secure authentication ICs, power management ICs, RF and microwave components, and sensor solutions, among others.

The company's products are designed to be energy efficient, secure, and reliable, and are used in a variety of applications, including automotive systems, industrial automation and control, smart homes and buildings, and connected devices.

NXP is dedicated to innovation and customer satisfaction, and is committed to providing its customers with the best semiconductor solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com