Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

33981 Datasheet (PDF) - Motorola, Inc

33981 Datasheet PDF - Motorola, Inc
Part # 33981
Download  33981 Download
File Size   469.59 Kbytes
Page   24 Pages
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc
Description High-Frequency, High-Current, Self-Protected High-Side Switch (4.0 m??up to 60 kHz)

33981 Datasheet (PDF)

Go To PDF Page Download Datasheet
33981 Datasheet PDF - Motorola, Inc

Part # 33981
Download  33981 Click to download

File Size   469.59 Kbytes
Page   24 Pages
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc
Description High-Frequency, High-Current, Self-Protected High-Side Switch (4.0 m??up to 60 kHz)

33981 Datasheet (HTML) - Motorola, Inc


33981 Product details

High-Frequency, High-Current, Self-Protected High-Side Switch (4.0 mΩ up to 60 kHz)

The 33981 is a high-frequency, self-protected 4.0 mΩ RDS(ON) high-side switch used to replace electromechanical relays, fuses, and discrete devices in power management applications.

Features
• Single 4.0 mΩ RDS(ON) Maximum High-Side Switch
• PWM Capability up to 60 kHz with Duty Cycle from 5% to 100%
• Very Low Standby Current
• Slew Rate Control with External Capacitor
• Overcurrent and Overtemperature Protection, Undervoltage Shutdown and Fault Reporting
• Reverse Battery Protection
• Gate Drive Signal for External Low-Side N-Channel MOSFET with Protection Features
• Output Current Monitoring
• Temperature Feedback




Similar Part No. - 33981

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
33981 FREESCALE-33981 Datasheet
4Mb / 37P
Single High Side Switch
logo
NXP Semiconductors
33981 NXP-33981 Datasheet
3Mb / 51P
Single High Side Switch (4.0 mOhm), PWM clock up to 60 kHz
Rev. 12.0, 7/2023
logo
Freescale Semiconductor...
33981B FREESCALE-33981B Datasheet
1Mb / 37P
Single High-Side Switch (4.0 m??, PWM clock up to 60kHz
33981 FREESCALE-33981_09 Datasheet
4Mb / 37P
Single High Side Switch
More results


Similar Description - 33981

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MC33982 MOTOROLA-MC33982 Datasheet
771Kb / 24P
Single Intelligent High-Current Self-Protected Silicon High-Side Switch
MC33984 MOTOROLA-MC33984 Datasheet
492Kb / 28P
Dual Intelligent High-Current Self-Protected Silicon High-Side Switch (4.0 m??
logo
Freescale Semiconductor...
33984B FREESCALE-33984B Datasheet
1Mb / 36P
Dual Intelligent High-Current Self Protected Silicon High-Side Switch (4.0 mohm)
MC33981 FREESCALE-MC33981 Datasheet
1Mb / 37P
Single High Side Switch (4.0 m廓), PWM clock up to 60 kHz
33982B FREESCALE-33982B_09 Datasheet
840Kb / 36P
Single Intelligent High-current Self-protected Silicon High Side Switch (2.0 m廓)
33984B FREESCALE-33984B_09 Datasheet
1Mb / 38P
Dual Intelligent High-current Self-protected Silicon High Side Switch (4.0 m廓)
33984 FREESCALE-33984 Datasheet
952Kb / 38P
Dual Intelligent High-current Self-protected Silicon High Side Switch (4.0 mOhm)
logo
International Rectifier
AUIR3330S IRF-AUIR3330S_15 Datasheet
1Mb / 30P
PROTECTED HIGH FREQUENCY HIGH SIDE SWITCH
logo
NXP Semiconductors
MC33981 NXP-MC33981 Datasheet
3Mb / 51P
Single High Side Switch (4.0 mOhm), PWM clock up to 60 kHz
Rev. 12.0, 7/2023
MC33984 NXP-MC33984 Datasheet
1Mb / 57P
Dual intelligent high-current self-protected silicon high-side switch (4.0 mOhm)
Rev. 17.0, 07/2023
More results




About Motorola, Inc


Motorola, Inc. was an American multinational telecommunications company that was founded in 1928. It was headquartered in Schaumburg, Illinois and was one of the largest providers of mobile phones, telecommunication equipment, and semiconductors. Throughout its history, Motorola was known for its innovation in the field of telecommunications, including the development of the world's first commercially available cellular telephone, the DynaTAC, and the world's first two-way pager, the Pageboy.

In 2011, Motorola split into two separate companies: Motorola Mobility and Motorola Solutions. Motorola Mobility was later acquired by Google in 2012, and is now a subsidiary of Lenovo. Motorola Solutions focuses on public safety and commercial and industrial communication solutions. The company provides a wide range of products including two-way radios, mobile computing devices, and network infrastructure equipment.

Motorola was one of the pioneers of the mobile phone industry and has a rich history of innovation and technological advancements. The company's legacy continues through its subsidiaries and its technology and products continue to be used around the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com