Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

KCUSB3 Datasheet (PDF) - List of Unclassifed Manufacturers

KCUSB3 Datasheet PDF - List of Unclassifed Manufacturers
Part # KCUSB3
Download  KCUSB3 Download
File Size   60.3 Kbytes
Page   8 Pages
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers
Description USB Controller - Quick Interface

KCUSB3 Datasheet (PDF)

Go To PDF Page Download Datasheet
KCUSB3 Datasheet PDF - List of Unclassifed Manufacturers

Part # KCUSB3
Download  KCUSB3 Click to download

File Size   60.3 Kbytes
Page   8 Pages
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers
Description USB Controller - Quick Interface

KCUSB3 Datasheet (HTML) - List of Unclassifed Manufacturers


KCUSB3 Product details

[KAWASAKI]

General Description
The Kawasaki KCUSB3 Controller is a quick single chip solution to interface peripheral devices to the Universal Serial Bus (USB). The KCUSB3 has been specifically designed to provide a simple and fast method of designing interfaces for peripheral devices to the USB port. This has been accomplished by its highly integrated functionality and flexible General Purpose I/O (GPIO) that can be configured to your system requirements. This device has been configured with a wide range of capabilities for your immediate use or evaluation. The device can then be reconfigured for your specific application. You can directly access the embedded processor’s address and data lines to use external programmable logic for evaluation before configuring the GPIO for your final device. The SIE (Serial Interface Engine) is fully compatible with the USB specification.

Features
• Advanced 16 Bit processor for USB transaction processing and control data processing
• USB interface ver 1.0/1.1 compliant
• Transceivers and SIE (Serial Interface Engine)
• Internal Clock Generation
• Utilizes low cost external crystal circuitry
• 1.5K x 16 Internal RAM buffer
• 2 IRQ
• 8 Channel, 10 Bit A/D
• External Memory Interface for direct access to the 16-bit processor for using external logic or memory.
• General purpose I/O
• Watchdog timer
• PWM Output Support
• 8K user programmable gates
• 8K bytes ROM
• I2C Interface
• 100 pin QFP package




Similar Part No. - KCUSB3

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
KCU105 TI-KCU105 Datasheet
4Mb / 40P
HSDC Pro With Xilinx짰 KCU105
logo
Nihon Inter Electronics...
KCU20A20 NIEC-KCU20A20 Datasheet
118Kb / 1P
FRED
logo
Kyocera Kinseki Corpota...
KCU20A20 KSS-KCU20A20 Datasheet
746Kb / 6P
Fast Recovery Diode
logo
National Instruments Co...
KCU20A20 NI-KCU20A20_15 Datasheet
118Kb / 1P
FRED
logo
Nihon Inter Electronics...
KCU20A30 NIEC-KCU20A30 Datasheet
63Kb / 5P
FRD - Low Forward Voltage Drop
More results


Similar Description - KCUSB3

ManufacturerPart #DatasheetDescription
logo
SONiX Technology Compan...
SN11010F SONIX-SN11010F Datasheet
151Kb / 13P
USB to ATA/ATAPI Interface Controller
logo
List of Unclassifed Man...
KL5KUSB2CF ETC-KL5KUSB2CF Datasheet
24Kb / 2P
USB 2.0 Controller - Quick Interface
NET2890 ETC-NET2890 Datasheet
432Kb / 73P
USB Interface Controller
OTI-6888 ETC1-OTI-6888 Datasheet
569Kb / 12P
USB 1.1 USB Host with MP3 Interface Controller
logo
fujitsu semiconductor
NC41120-0018 FUJITSU-NC41120-0018 Datasheet
183Kb / 3P
STANDARD Micro Controller Specification USB Interface Controller Chip
logo
List of Unclassifed Man...
NET2270 ETC2-NET2270 Datasheet
414Kb / 90P
USB 2.0 Interface Controller
logo
Maxim Integrated Produc...
MAX3420E MAXIM-MAX3420E_07 Datasheet
366Kb / 25P
USB Peripheral Controller with SPI Interface
Rev 2; 6/07
logo
Epson Company
S1D13U11 EPSON-S1D13U11 Datasheet
161Kb / 2P
S1D13U11 USB Interface Graphics Controller
logo
Megawin Technology Co.,...
MG26P700 MEGAWIN-MG26P700 Datasheet
353Kb / 8P
USB Voltage Position Controller with Quick Charge
logo
Renesas Technology Corp
IW636 RENESAS-IW636 Datasheet
556Kb / 7P
AC/DC Secondary-Side Controller for Qualcomm® Quick ChargeTM 3.0 USB Interface
01-Feb-2022
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com