Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

KCUSB3 Datasheet(PDF) 8 Page - List of Unclassifed Manufacturers

Part # KCUSB3
Description  USB Controller - Quick Interface
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

KCUSB3 Datasheet(HTML) 8 Page - List of Unclassifed Manufacturers

  KCUSB3 Datasheet HTML 1Page - List of Unclassifed Manufacturers KCUSB3 Datasheet HTML 2Page - List of Unclassifed Manufacturers KCUSB3 Datasheet HTML 3Page - List of Unclassifed Manufacturers KCUSB3 Datasheet HTML 4Page - List of Unclassifed Manufacturers KCUSB3 Datasheet HTML 5Page - List of Unclassifed Manufacturers KCUSB3 Datasheet HTML 6Page - List of Unclassifed Manufacturers KCUSB3 Datasheet HTML 7Page - List of Unclassifed Manufacturers KCUSB3 Datasheet HTML 8Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 8 / 8 page
background image
Kawasaki LSI
2570 North First Street Suite 301 San Jose, CA 95131 Tel: (408) 570-0555 Fax: (408) 570-0567 www.klsi.com
K
KCUSB3
USB Controller – Quick Interface
KAWASAKI
LSI
8
Ver. 1.3
Electrical Characteristics
ABSOLUTE MAXIMUM RATINGS
Parameter
Symbol
Ratings
Unit
VDD5
-0.6 to 6.0
V
Supply Voltage
VDD
-0.3 to 4.0
V
-0.6 to VDD5+0.6
V
VIN (Normal)
-0.3 to VDD+0.3
V
Input Voltage
VIN (5V Tolerant)
-0.3 to 7.3
V
DC Output Current
IOUT
±30 *
mA
Storage Temperature
TSTG
-55 to 125 **
°C
*24mA buffers
**Plastic Package
DC Characteristics and conditions (VDD5 @ 3V
±.3V)
Value
Symbol
Parameter
Condition
Min
Typ
Max
Unit
VDD5
Supply Voltage
-
3.0
3.3
3.6
V
VIH
Input high voltage
CMOS
2.15
-
-
V
VIL
Input low voltage
CMOS
-
-
0.95
V
TTL Schmitt
1.32
1.75
V
V+
Input high voltage
CMOS Schmitt
2.17
2.65
V
TTL Schmitt
0.45
0.86
-
V
V-
Input low voltage
CMOS Schmitt
0.50
1.03
-
V
TTL Schmitt
0.25
-
-
V
VH
Hysteresis voltage
CMOS Schmitt
0.56
-
-
V
IIH
Input high current
VIN = VDD5
-10
-
10
µA
IIL
Input low current
VIN = Vss
-10
-
10
µA
VOH
Output high voltage
IOH = -4mA
2.4
-
-
V
VOL
Output low voltage
IOL = 4mA
-
-
0.4
V
VOL=VDD5
-10
-
10
µA
IOZ
3-state leakage current
VIN=VSS
-12
-34
-100
µA
*IDDS is design dependent
March 1998
• ©Copyright 1998 • Kawasaki LSI • Printed in U.S.A
Kawasaki LSI assumes no responsibility or liability for (1) any errors or inaccuracies contained in the information herein and (2) the use of the
information or a portion thereof in any application, including any claim for (a) copyright or patent infringement or (b) direct, indirect, special or
consequential damages. There are no warranties extended or granted by this document. The information herein is subject to change without notice
form Kawasaki LSI



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com