Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

KCUSB3 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # KCUSB3
Description  USB Controller - Quick Interface
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

KCUSB3 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  KCUSB3 Datasheet HTML 1Page - List of Unclassifed Manufacturers KCUSB3 Datasheet HTML 2Page - List of Unclassifed Manufacturers KCUSB3 Datasheet HTML 3Page - List of Unclassifed Manufacturers KCUSB3 Datasheet HTML 4Page - List of Unclassifed Manufacturers KCUSB3 Datasheet HTML 5Page - List of Unclassifed Manufacturers KCUSB3 Datasheet HTML 6Page - List of Unclassifed Manufacturers KCUSB3 Datasheet HTML 7Page - List of Unclassifed Manufacturers KCUSB3 Datasheet HTML 8Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
Kawasaki LSI
2570 North First Street Suite 301 San Jose, CA 95131 Tel: (408) 570-0555 Fax: (408) 570-0567 www.klsi.com
K
KCUSB3
USB Controller – Quick Interface
KAWASAKI
LSI
1
Ver. 1.3
General Description
The Kawasaki KCUSB3 Controller is a quick single chip solution to interface peripheral devices to the
Universal Serial Bus (USB). The KCUSB3 has been specifically designed to provide a simple and fast
method of designing interfaces for peripheral devices to the USB port. This has been accomplished by its
highly integrated functionality and flexible General Purpose I/O (GPIO) that can be configured to your
system requirements. This device has been configured with a wide range of capabilities for your
immediate use or evaluation. The device can then be reconfigured for your specific application. You can
directly access the embedded processor’s address and data lines to use external programmable logic for
evaluation before configuring the GPIO for your final device. The SIE (Serial Interface Engine) is fully
compatible with the USB specification.
Features
Advanced 16 Bit processor for USB transaction
processing and control data processing
USB interface ver 1.0/1.1 compliant
Transceivers and SIE (Serial Interface Engine)
Internal Clock Generation
Utilizes low cost external crystal circuitry
1.5K x 16 Internal RAM buffer
2 IRQ
8 Channel, 10 Bit A/D
External Memory Interface for direct
access to the 16-bit processor for using
external logic or memory.
General purpose I/O
Watchdog timer
PWM Output Support
8K user programmable gates
8K bytes ROM
I
2C Interface
100 pin QFP package
Block Diagram (Application Example)
RAM
(3KB)
Timer 0
USB Interface
16 Bit Address / Data Bus
Data -
Data +
Serial
Interface
Engine
Mask ROM
(8KB)
Timer 1
Watchdog
Timer
16 Bit
Processor
X2
X1
PLL & Clock
Generator
External Memory
Interface
A15-0
D15-0
Cntrl.
2 IRQ
I
2C
4 PWM Out
(GPIO)
UART
8 Channel
10 Bit A/D
AIN
PWM
Txd
Rxd
INT1-0
8
4
DIO
2
CK


Similar Part No. - KCUSB3

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
KCU105 TI-KCU105 Datasheet
4Mb / 40P
HSDC Pro With Xilinx짰 KCU105
logo
Nihon Inter Electronics...
KCU20A20 NIEC-KCU20A20 Datasheet
118Kb / 1P
FRED
logo
Kyocera Kinseki Corpota...
KCU20A20 KSS-KCU20A20 Datasheet
746Kb / 6P
Fast Recovery Diode
logo
National Instruments Co...
KCU20A20 NI-KCU20A20_15 Datasheet
118Kb / 1P
FRED
logo
Nihon Inter Electronics...
KCU20A30 NIEC-KCU20A30 Datasheet
63Kb / 5P
FRD - Low Forward Voltage Drop
More results

Similar Description - KCUSB3

ManufacturerPart #DatasheetDescription
logo
SONiX Technology Compan...
SN11010F SONIX-SN11010F Datasheet
151Kb / 13P
USB to ATA/ATAPI Interface Controller
logo
List of Unclassifed Man...
KL5KUSB2CF ETC-KL5KUSB2CF Datasheet
24Kb / 2P
USB 2.0 Controller - Quick Interface
NET2890 ETC-NET2890 Datasheet
432Kb / 73P
USB Interface Controller
OTI-6888 ETC1-OTI-6888 Datasheet
569Kb / 12P
USB 1.1 USB Host with MP3 Interface Controller
logo
fujitsu semiconductor
NC41120-0018 FUJITSU-NC41120-0018 Datasheet
183Kb / 3P
STANDARD Micro Controller Specification USB Interface Controller Chip
logo
List of Unclassifed Man...
NET2270 ETC2-NET2270 Datasheet
414Kb / 90P
USB 2.0 Interface Controller
logo
Maxim Integrated Produc...
MAX3420E MAXIM-MAX3420E_07 Datasheet
366Kb / 25P
USB Peripheral Controller with SPI Interface
Rev 2; 6/07
logo
Epson Company
S1D13U11 EPSON-S1D13U11 Datasheet
161Kb / 2P
S1D13U11 USB Interface Graphics Controller
logo
Megawin Technology Co.,...
MG26P700 MEGAWIN-MG26P700 Datasheet
353Kb / 8P
USB Voltage Position Controller with Quick Charge
logo
Renesas Technology Corp
IW636 RENESAS-IW636 Datasheet
556Kb / 7P
AC/DC Secondary-Side Controller for Qualcomm® Quick ChargeTM 3.0 USB Interface
01-Feb-2022
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com