Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

74HC193D Datasheet (PDF) - Nexperia B.V. All rights reserved

74HC193D Datasheet PDF - Nexperia B.V. All rights reserved
Part # 74HC193D
Download  74HC193D Download
File Size   330.79 Kbytes
Page   24 Pages
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved
Description Presettable synchronous 4-bit binary up/down counter

74HC193D Datasheet (PDF)

Go To PDF Page Download Datasheet
74HC193D Datasheet PDF - Nexperia B.V. All rights reserved

Part # 74HC193D
Download  74HC193D Click to download

File Size   330.79 Kbytes
Page   24 Pages
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved
Description Presettable synchronous 4-bit binary up/down counter

74HC193D Datasheet (HTML) - Nexperia B.V. All rights reserved


74HC193D Product details

1. General description
The 74HC193; 74HCT193 is a 4-bit synchronous binary up/down counter. Separate up/down
clocks, CPU and CPD respectively, simplify operation. The outputs change state synchronously
with the LOW-to-HIGH transition of either clock input. If the CPU clock is pulsed while CPD is held
HIGH, the device will count up. If the CPD clock is pulsed while CPU is held HIGH, the device will
count down. Only one clock input can be held HIGH at any time to guarantee predictable behavior.
The device can be cleared at any time by the asynchronous master reset input (MR); it may also
be loaded in parallel by activating the asynchronous parallel load input (PL). The terminal count up
(TCU) and terminal count down (TCD) outputs are normally HIGH. When the circuit has reached
the maximum count state of 15, the next HIGH-to-LOW transition of CPU will cause TCU to go
LOW. TCU will stay LOW until CPU goes HIGH again, duplicating the count up clock. Likewise,
the TCD output will go LOW when the circuit is in the zero state and the CPD goes LOW. The
terminal count outputs can be used as the clock input signals to the next higher order circuit in
a multistage counter, since they duplicate the clock waveforms. Multistage counters will not be
fully synchronous, since there is a slight delay time difference added for each stage that is added.
The counter may be preset by the asynchronous parallel load capability of the circuit. Information
present on the parallel data inputs (D0 to D3) is loaded into the counter and appears on the outputs
(Q0 to Q3) regardless of the conditions of the clock inputs when the parallel load (PL) input is LOW.
A HIGH level on the master reset (MR) input will disable the parallel load gates, override both
clock inputs and set all outputs (Q0 to Q3) LOW. If one of the clock inputs is LOW during and after
a reset or load operation, the next LOW-to-HIGH transition of that clock will be interpreted as a
legitimate signal and will be counted. Inputs include clamp diodes. This enables the use of current
limiting resistors to interface inputs to voltages in excess of VCC.
2. Features and benefits
• Wide supply voltage range from 2.0 to 6.0 V
• CMOS low power dissipation
• High noise immunity
• Latch-up performance exceeds 100 mA per JESD 78 Class II Level B
• Input levels:
• For 74HC193: CMOS level
• For 74HCT193: TTL level
• Synchronous reversible 4-bit binary counting
• Asynchronous parallel load
• Asynchronous reset
• Expandable without external logic
• Complies with JEDEC standards:
• JESD8C (2.7 V to 3.6 V)
• JESD7A (2.0 V to 6.0 V)
• ESD protection:
• HBM JESD22-A114F exceeds 2000 V
• MM JESD22-A115-A exceeds 200 V.
• Specified from -40 °C to +85 °C and -40 °C to +125 °C.




Similar Part No. - 74HC193D

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74HC193D PHILIPS-74HC193D Datasheet
95Kb / 13P
Presettable synchronous 4-bit binary up/down counter
December 1990
74HC193D NXP-74HC193D Datasheet
157Kb / 29P
Presettable synchronous 4-bit binary up/down counter
Rev. 4-24 June 2013
74HC193D NXP-74HC193D Datasheet
184Kb / 30P
Presettable synchronous 4-bit binary up/down counter
Rev. 4-24 June 2013
logo
Nexperia B.V. All right...
74HC193D-Q100 NEXPERIA-74HC193D-Q100 Datasheet
776Kb / 29P
Presettable synchronous 4-bit binary up/down counter
74HC193D-Q100 NEXPERIA-74HC193D-Q100 Datasheet
330Kb / 24P
Presettable synchronous 4-bit binary up/down counter
Rev. 3 - 8 September 2021
More results


Similar Description - 74HC193D

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74HC191 PHILIPS-74HC191 Datasheet
108Kb / 14P
Presettable synchronous 4-bit binary up/down counter
December 1990
74LVC169 PHILIPS-74LVC169 Datasheet
124Kb / 14P
Presettable synchronous 4-bit up/down binary counter
1998 May 20
logo
Texas Instruments
CD54AC191 TI-CD54AC191 Datasheet
53Kb / 10P
Presettable Synchronous 4-Bit Binary Up/Down Counter
CD74AC191 TI-CD74AC191 Datasheet
51Kb / 10P
Presettable Synchronous 4-Bit Binary Up/Down Counter
logo
NXP Semiconductors
74HC193 NXP-74HC193 Datasheet
157Kb / 29P
Presettable synchronous 4-bit binary up/down counter
Rev. 4-24 June 2013
74LVC169 NXP-74LVC169 Datasheet
138Kb / 22P
Presettable synchronous 4-bit up/down binary counter
Rev. 05-8 June 2009
74HC193 NXP-74HC193_13 Datasheet
184Kb / 30P
Presettable synchronous 4-bit binary up/down counter
Rev. 4-24 June 2013
logo
Nexperia B.V. All right...
74HC193-Q100 NEXPERIA-74HC193-Q100 Datasheet
776Kb / 29P
Presettable synchronous 4-bit binary up/down counter
74HCT193-Q100 NEXPERIA-74HCT193-Q100 Datasheet
330Kb / 24P
Presettable synchronous 4-bit binary up/down counter
Rev. 3 - 8 September 2021
74HC191 NEXPERIA-74HC191 Datasheet
296Kb / 18P
Presettable synchronous 4-bit binary up/down counter
Rev. 6 - 8 September 2021
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com