Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CDB3308 Datasheet (PDF) - Cirrus Logic

CDB3308 Datasheet PDF - Cirrus Logic
Part # CDB3308
Download  CDB3308 Download
File Size   1104.02 Kbytes
Page   16 Pages
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic
Description Evaluation Board for CS3308

CDB3308 Datasheet (PDF)

Go To PDF Page Download Datasheet
CDB3308 Datasheet PDF - Cirrus Logic

Part # CDB3308
Download  CDB3308 Click to download

File Size   1104.02 Kbytes
Page   16 Pages
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic
Description Evaluation Board for CS3308

CDB3308 Datasheet (HTML) - Cirrus Logic


CDB3308 Product details

Description
The CS3308 is an 8-channel digitally controlled analog volume control designed specifically for high-end audio systems. It features a comprehensive I²C/SPI serial control port for easy device and volume configuration.

Features
♦ Complete Analog Volume Control
    – 8 Independently Controllable Channels
    – 3 Configurable Master Volume and Muting Controls
♦ Wide Adjustable Volume Range
    – -96 dB to +22 dB in ¼ dB Steps
♦ Low Distortion & Noise
    – -112 dB THD+N
    – 123 dB Dynamic Range
♦ Noise-Free Level Transitions
    – Zero-Crossing Detection with Programmable Time-Out
♦ Low Channel-to-Channel Crosstalk
    – 120 dB Inter-Channel Isolation
♦ Comprehensive Serial Control Port
    – Supports I²C® and SPITM Communication
    – Independent Control of up to 128 Devices on a Shared 2-Wire I²C or 3-Wire SPI Control Bus
    – Supports Individual and Grouped Control of all CS3308 Devices on the I²C or SPI Control Bus
♦ Standard Power Supply Voltages
    – ±5 V Analog Supply
    – +3.3 V Digital Supply




Similar Part No. - CDB3308

ManufacturerPart #DatasheetDescription
logo
Cirrus Logic
CDB3318 CIRRUS-CDB3318 Datasheet
1Mb / 16P
Evaluation Board for CS3318
CDB3318 CIRRUS-CDB3318 Datasheet
682Kb / 44P
8-Channel Analog Volume Control
More results


Similar Description - CDB3308

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STR720-EVAL STMICROELECTRONICS-STR720-EVAL Datasheet
807Kb / 32P
Evaluation Board for STR72xF
04-Oct-2005
logo
Cirrus Logic
CDB3318 CIRRUS-CDB3318 Datasheet
1Mb / 16P
Evaluation Board for CS3318
CDB4265 CIRRUS-CDB4265 Datasheet
1Mb / 30P
Evaluation Board for CS4265
CDB4344 CIRRUS-CDB4344 Datasheet
594Kb / 14P
Evaluation Board for CS4344
CDB4352 CIRRUS-CDB4352 Datasheet
823Kb / 21P
Evaluation Board for CS4352
CDB4361 CIRRUS-CDB4361 Datasheet
1Mb / 26P
Evaluation Board for CS4361
CDB5345 CIRRUS-CDB5345 Datasheet
1Mb / 27P
Evaluation Board for CS5345
CDB5364 CIRRUS-CDB5364 Datasheet
1Mb / 24P
Evaluation Board for CS5364
logo
Analog Devices
AD8250-EVALZ AD-AD8250-EVALZ_15 Datasheet
204Kb / 4P
EVALUATION BOARD FOR G
REV. 0
AD8251-EVALZ AD-AD8251-EVALZ_15 Datasheet
197Kb / 4P
Evaluation Board for G
REV. 0
More results




About Cirrus Logic


Cirrus Logic is an American company that specializes in the design and manufacture of high-precision analog and mixed-signal integrated circuits (ICs).
The company was founded in 1984 and is headquartered in Austin, Texas, USA.
Cirrus Logic offers a wide range of products including audio converters, audio codecs, digital signal processors, and other analog and mixed-signal ICs.
The company's products are used in various applications such as consumer electronics, automotive audio systems, and professional audio equipment.
Cirrus Logic is known for its expertise in analog and mixed-signal technology, high-quality products, and innovation in the field of audio and voice processing.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com