Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CDB5345 Datasheet (PDF) - Cirrus Logic

CDB5345 Datasheet PDF - Cirrus Logic
Part # CDB5345
Download  CDB5345 Download
File Size   1532.09 Kbytes
Page   27 Pages
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic
Description Evaluation Board for CS5345

CDB5345 Datasheet (PDF)

Go To PDF Page Download Datasheet
CDB5345 Datasheet PDF - Cirrus Logic

Part # CDB5345
Download  CDB5345 Click to download

File Size   1532.09 Kbytes
Page   27 Pages
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic
Description Evaluation Board for CS5345

CDB5345 Datasheet (HTML) - Cirrus Logic


CDB5345 Product details

General Description
The CS5345 integrates an analog multiplexer, programmable gain amplifier, and stereo audio analog-to-digital converter. The CS5345 performs stereo analog-to-digital (A/D) conversion of up to 24-bit serial values at sample rates up to 192 kHz.

A/D Features
♦ Multi-Bit Delta Sigma Modulator
♦ 104 dB Dynamic Range
♦ -95 dB THD+N
♦ Stereo 6:1 Input Multiplexer
♦ Programmable Gain Amplifier (PGA)
    – ± 12 dB Gain, 0.5 dB Step Size
    – Zero Crossing, Click-Free Transitions
♦ Stereo Microphone Inputs
    – +32 dB Gain Stage
    – Low-Noise Bias Supply
♦ Up to 192 kHz Sampling Rates
♦ Selectable Serial Audio Interface Formats
    – Left-Justified up to 24-bit
    – I²S up to 24-bit
♦ High-Pass Filter or DC Offset Calibration

System Features
♦ Power-Down Mode
♦ +3.3 V to +5 V Analog Power Supply, Nominal
♦ +3.3 V to +5 V Digital Power Supply, Nominal
♦ Direct Interface with 1.8 V to 5 V Logic Levels
♦ Pin-Compatible with CS4245




Similar Part No. - CDB5345

ManufacturerPart #DatasheetDescription
logo
Cirrus Logic
CDB5345 CIRRUS-CDB5345 Datasheet
835Kb / 41P
104 dB, 24-Bit, 192 kHz Stereo Audio ADC
More results


Similar Description - CDB5345

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STR720-EVAL STMICROELECTRONICS-STR720-EVAL Datasheet
807Kb / 32P
Evaluation Board for STR72xF
04-Oct-2005
logo
Cirrus Logic
CDB3308 CIRRUS-CDB3308 Datasheet
1Mb / 16P
Evaluation Board for CS3308
CDB3318 CIRRUS-CDB3318 Datasheet
1Mb / 16P
Evaluation Board for CS3318
CDB4265 CIRRUS-CDB4265 Datasheet
1Mb / 30P
Evaluation Board for CS4265
CDB4344 CIRRUS-CDB4344 Datasheet
594Kb / 14P
Evaluation Board for CS4344
CDB4352 CIRRUS-CDB4352 Datasheet
823Kb / 21P
Evaluation Board for CS4352
CDB4361 CIRRUS-CDB4361 Datasheet
1Mb / 26P
Evaluation Board for CS4361
CDB5364 CIRRUS-CDB5364 Datasheet
1Mb / 24P
Evaluation Board for CS5364
logo
Analog Devices
AD8250-EVALZ AD-AD8250-EVALZ_15 Datasheet
204Kb / 4P
EVALUATION BOARD FOR G
REV. 0
AD8251-EVALZ AD-AD8251-EVALZ_15 Datasheet
197Kb / 4P
Evaluation Board for G
REV. 0
More results




About Cirrus Logic


Cirrus Logic is an American company that specializes in the design and manufacture of high-precision analog and mixed-signal integrated circuits (ICs).
The company was founded in 1984 and is headquartered in Austin, Texas, USA.
Cirrus Logic offers a wide range of products including audio converters, audio codecs, digital signal processors, and other analog and mixed-signal ICs.
The company's products are used in various applications such as consumer electronics, automotive audio systems, and professional audio equipment.
Cirrus Logic is known for its expertise in analog and mixed-signal technology, high-quality products, and innovation in the field of audio and voice processing.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com