Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CDB4265 Datasheet (PDF) - Cirrus Logic

CDB4265 Datasheet PDF - Cirrus Logic
Part # CDB4265
Download  CDB4265 Download
File Size   1746.67 Kbytes
Page   30 Pages
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic
Description Evaluation Board for CS4265

CDB4265 Datasheet (PDF)

Go To PDF Page Download Datasheet
CDB4265 Datasheet PDF - Cirrus Logic

Part # CDB4265
Download  CDB4265 Click to download

File Size   1746.67 Kbytes
Page   30 Pages
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic
Description Evaluation Board for CS4265

CDB4265 Datasheet (HTML) - Cirrus Logic


CDB4265 Product details

General Description
The CS4265 is a highly integrated stereo audio CODEC. The CS4265 performs stereo analog-to-digital (A/D) and digital-to-analog (D/A) conversion of up to 24-bit serial values at sample rates up to 192 kHz.

D/A Features
♦ Multi-Bit Delta Sigma Modulator
♦ 104 dB Dynamic Range
♦ -90 dB THD+N
♦ Up to 192 kHz Sampling Rates
♦ Single-Ended Analog Architecture
♦ Volume Control with Soft Ramp
    – 0.5 dB Step Size
    – Zero Crossing, Click-Free Transitions
♦ Popguard® Technology
    – Minimizes the Effects of Output Transients
♦ Filtered Line-Level Outputs
♦ Selectable Serial Audio Interface Formats
    – Left-Justified up to 24-bit
    – I²S up to 24-bit
    – Right-Justified 16-, 18-, 20-, and 24-bit
♦ Selectable 50/15 µs De-Emphasis

A/D Features
♦ Multi-Bit Delta Sigma Modulator
♦ 104 dB Dynamic Range
♦ -95 dB THD+N
♦ Stereo 2:1 Input Multiplexer
♦ Programmable Gain Amplifier (PGA)
    – ± 12 dB Gain, 0.5 dB Step Size
    – Zero Crossing, Click-Free Transitions
♦ Pseudo-Differential Stereo Line Inputs
♦ Stereo Microphone Inputs
    – +32 dB Gain Stage
    – Low-Noise Bias Supply
♦ Up to 192 kHz Sampling Rates
♦ Selectable Serial Audio Interface Formats
    – Left-Justified up to 24-bit
    – I²S up to 24-bit
♦ High-Pass Filter or DC Offset Calibration

System Features
♦ Synchronous IEC60958-3 Transmitter
    – Up to 192 kHz Sampling Rates
    – 75 Ω Drive Capability
♦ Serial Audio Data Input Multiplexer
♦ Internal Digital Loopback
♦ Supports Master or Slave Operation
♦ Mute Output Control
♦ Power-Down Mode
    – Available for A/D, D/A, CODEC, Mic Preamplifier
♦ +3.3 V to +5 V Analog Power Supply
♦ +3.3 V to +5 V Digital Power Supply
♦ Direct Interface with 1.8 V to 5 V Logic Levels
♦ Supports I²C® Control Port Interface




Similar Part No. - CDB4265

ManufacturerPart #DatasheetDescription
logo
Cirrus Logic
CDB4265 CIRRUS-CDB4265 Datasheet
1Mb / 56P
104 dB, 24-Bit, 192 kHz Stereo Audio CODEC
More results


Similar Description - CDB4265

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STR720-EVAL STMICROELECTRONICS-STR720-EVAL Datasheet
807Kb / 32P
Evaluation Board for STR72xF
04-Oct-2005
logo
Cirrus Logic
CDB3308 CIRRUS-CDB3308 Datasheet
1Mb / 16P
Evaluation Board for CS3308
CDB3318 CIRRUS-CDB3318 Datasheet
1Mb / 16P
Evaluation Board for CS3318
CDB4344 CIRRUS-CDB4344 Datasheet
594Kb / 14P
Evaluation Board for CS4344
CDB4352 CIRRUS-CDB4352 Datasheet
823Kb / 21P
Evaluation Board for CS4352
CDB4361 CIRRUS-CDB4361 Datasheet
1Mb / 26P
Evaluation Board for CS4361
CDB5345 CIRRUS-CDB5345 Datasheet
1Mb / 27P
Evaluation Board for CS5345
CDB5364 CIRRUS-CDB5364 Datasheet
1Mb / 24P
Evaluation Board for CS5364
logo
Analog Devices
AD8250-EVALZ AD-AD8250-EVALZ_15 Datasheet
204Kb / 4P
EVALUATION BOARD FOR G
REV. 0
AD8251-EVALZ AD-AD8251-EVALZ_15 Datasheet
197Kb / 4P
Evaluation Board for G
REV. 0
More results




About Cirrus Logic


Cirrus Logic is an American company that specializes in the design and manufacture of high-precision analog and mixed-signal integrated circuits (ICs).
The company was founded in 1984 and is headquartered in Austin, Texas, USA.
Cirrus Logic offers a wide range of products including audio converters, audio codecs, digital signal processors, and other analog and mixed-signal ICs.
The company's products are used in various applications such as consumer electronics, automotive audio systems, and professional audio equipment.
Cirrus Logic is known for its expertise in analog and mixed-signal technology, high-quality products, and innovation in the field of audio and voice processing.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com