Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RT9166-12P Datasheet (PDF) - List of Unclassifed Manufacturers

RT9166-12P Datasheet PDF - List of Unclassifed Manufacturers
Part # RT9166-12P
Download  RT9166-12P Download
File Size   198.41 Kbytes
Page   14 Pages
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers
Description 300/600mA, Ultra-Fast Transient Response LDO Regulator

RT9166-12P Datasheet (PDF)

Go To PDF Page Download Datasheet
RT9166-12P Datasheet PDF - List of Unclassifed Manufacturers

Part # RT9166-12P
Download  RT9166-12P Click to download

File Size   198.41 Kbytes
Page   14 Pages
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers
Description 300/600mA, Ultra-Fast Transient Response LDO Regulator

RT9166-12P Datasheet (HTML) - List of Unclassifed Manufacturers


RT9166-12P Product details

[Richtek]



General Description

The RT9166/A series are CMOS low dropout regulators optimized for ultra-fast transient response. The devices are capable of supplying 300mA or 600mA of output current with a dropout voltage of 230mV or 580mV respectively. The RT9166/A series are is optimized for CD/DVD-ROM, CD/RW or wireless communication supply applications. The RT9166/A regulators are stable with output capacitors as low as 1μF. The other features include ultra low dropout voltage, high output accuracy, current limiting protection, and high ripple rejection ratio.



Features

Low Quiescent Current (Typically 220μA)

Guaranteed 300/600mA Output Current

Low Dropout Voltage : 230/580mV at 300/600mA

Wide Operating Voltage Ranges : 3V to 5.5V

Ultra-Fast Transient Response

Tight Load and Line Regulation

Current Limiting Protection

Thermal Shutdown Protection

Only Low-ESR Ceramic Capacitor Required for Stability

Custom Voltage Available

RoHS Compliant and 100% Lead (Pb)-Free



Applications

CD/DVD-ROM, CD/RW

Wireless LAN Card/Keyboard/Mouse

Battery-Powered Equipment

XDSL Router

PCMCIA Card




Similar Part No. - RT9166-12P

ManufacturerPart #DatasheetDescription
logo
Richtek Technology Corp...
RT9166-12PG RICHTEK-RT9166-12PG Datasheet
193Kb / 15P
300/600mA, Ultra-Fast Transient Response LDO Regulator
RT9166-12PG RICHTEK-RT9166-12PG Datasheet
193Kb / 15P
300/600mA, Ultra-Fast Transient Response LDO Regulator
RT9166-12PGL RICHTEK-RT9166-12PGL Datasheet
193Kb / 15P
300/600mA, Ultra-Fast Transient Response LDO Regulator
RT9166-12PGL RICHTEK-RT9166-12PGL Datasheet
193Kb / 15P
300/600mA, Ultra-Fast Transient Response LDO Regulator
RT9166-12PL RICHTEK-RT9166-12PL Datasheet
193Kb / 15P
300/600mA, Ultra-Fast Transient Response LDO Regulator
More results


Similar Description - RT9166-12P

ManufacturerPart #DatasheetDescription
logo
Richtek Technology Corp...
RT9001 RICHTEK-RT9001 Datasheet
158Kb / 9P
600mA, Ultra-Fast Transient Response LDO Regulator
RT9166 RICHTEK-RT9166 Datasheet
193Kb / 15P
300/600mA, Ultra-Fast Transient Response LDO Regulator
RT9184A RICHTEK-RT9184A Datasheet
121Kb / 10P
Dual, Ultra-Fast Transient Response, 500mA LDO Regulator
RT9166 RICHTEK-RT9166_08 Datasheet
193Kb / 15P
300/600mA, Ultra-Fast Transient Response LDO Regulator
RT9166B RICHTEK-RT9166B Datasheet
181Kb / 9P
600mA, Ultra-Fast Transient Response Linear Regulator
RT9184A RICHTEK-RT9184A_11 Datasheet
131Kb / 10P
Dual, Ultra-Fast Transient Response, 500mA LDO Regulator
logo
M.S. Kennedy Corporatio...
MSK5251-09 MSK-MSK5251-09 Datasheet
335Kb / 6P
Ultra-Fast Transient Response
MSK5251-15 MSK-MSK5251-15 Datasheet
335Kb / 6P
Ultra-Fast Transient Response
logo
ARTSCHIP ELECTRONICS CO...
2N2220 ARTSCHIP-2N2220 Datasheet
84Kb / 2P
Ultra-Fast Transient Response LDO Regulator
logo
ACE Technology Co., LTD...
ACE5227C ACE-ACE5227C Datasheet
558Kb / 9P
600mA Fast Response Linear Regulator
VER 1.1
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com