Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS42L52 Datasheet (PDF) - Cirrus Logic

CS42L52 Datasheet PDF - Cirrus Logic
Part # CS42L52
Download  CS42L52 Download
File Size   1999.84 Kbytes
Page   82 Pages
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic
Description Low Power, Stereo CODEC w/Headphone & Speaker Amps

CS42L52 Datasheet (PDF)

Go To PDF Page Download Datasheet
CS42L52 Datasheet PDF - Cirrus Logic

Part # CS42L52
Download  CS42L52 Click to download

File Size   1999.84 Kbytes
Page   82 Pages
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic
Description Low Power, Stereo CODEC w/Headphone & Speaker Amps

CS42L52 Datasheet (HTML) - Cirrus Logic


CS42L52 Product details

General Description
The CS42L52 is a highly integrated, low-power stereo CODEC with headphone and Class D speaker amplifiers. The CS42L52 offers many features suitable for low-power, portable system applications.

Stereo CODEC
♦ High Performance Stereo ADC & DAC
    – 99 dB (ADC), 98 dB (DAC) Dyn. Range (A-wtd)
    – -88 dB THD+N
♦ Flexible Stereo Analog Input Architecture
    – 4:1 Analog Input MUX
    – Analog Input Mixing
    – Analog Passthrough with Volume Control
    – Analog Programmable Gain Amplifier (PGA)
♦ Programmable Automatic Level Control (ALC)
    – Noise Gate for Noise Suppression
    – Programmable Threshold & Attack/Release Rates
♦ Dual MIC Inputs
    – Differential or Single-ended
    – +16 dB to +32 dB w/ 1dB step MIC PreAmplifiers
    – Programmable, Low-noise MIC Bias Levels
♦ Digital Signal Processing Engine
    – Bass & Treble Tone Control, De-emphasis
    – Master Vol. and Independent PCM SDIN + ADC SDOUT Mix Volume Control
    – Soft-ramp & Zero-Cross Transitions
    – Programmable Peak-detect and Limiter
    – Beep Generator w/Full Tone Control

Class D Stereo/Mono Speaker Amplifier
♦ No External Filter Required
♦ High-power Stereo Output at 10% THD+N
    – 2 x 1.00 W into 8 Ω @ 5.0 V
    – 2 x 550 mW into 8 Ω @ 3.7 V
    – 2 x 230 mW into 8 Ω @ 2.5 V
♦ High-power Mono Output at 10% THD+N
    – 1 x 1.90 W into 4 Ω @ 5.0 V
    – 1 x 1.00 W into 4 Ω @ 3.7 V
    – 1 x 350 mW into 4 Ω @ 2.5 V
♦ Direct Battery-powered Operation
    – Battery Level Monitoring & Compensation
♦ 81% Efficiency at 800 mW
♦ Phase-aligned PWM Output Reduces Idle Channel Current
♦ Spread Spectrum Modulation
♦ Low Quiescent Current

Stereo Headphone Amplifier
♦ Ground-centered Outputs
    – No DC-Blocking Capacitors Required
    – Integrated Negative Voltage Regulator
♦ High-power Output at -75 dB THD+N
    – 2 x 23 mW Into 16 Ω @ 1.8 V
    – 2 x 44 mW Into 16 Ω @ 2.5 V

System Features
♦ 12, 24, and 27 MHz Master Clock Support in Addition to Typical Audio Clock Rates
♦ High-performance 24-bit Converters
    – Multi-bit Delta-Sigma Architecture
    – Very Low 64Fs Oversampling Clock Reduces Power Consumption
♦ Low-power Operation
    – Stereo Analog Passthrough: 10 mW @ 1.8 V
    – Stereo Playback: 14 mW @ 1.8 V
    – Stereo Rec. and Playback: 23 mW @ 1.8 V
♦ Variable Power Supplies
    – 1.8 V to 2.5 V Digital & Analog
    – 1.6 V to 5 V Class D Amplifier
    – 1.8 V to 2.5 V Headphone Amplifier
    – 1.8 V to 3.3 V Interface Logic
♦ Power-down Management
    – ADC, DAC, CODEC, MIC Pre-Amplifier, PGA, Headphone Amplifier, Speaker Amplifier
♦ Analog & Digital Routing/Mixes:
    – Line/Headphone Out = Analog In (ADC Bypassed)
    – Line/Headphone/Speaker Out = ADC + Digital In
    – Digital Out = ADC + Digital In
    – Internal Digital Loopback
    – Mono Mixes
♦ Flexible Clocking Options
    – Master or Slave Operation
    – High-impedance Digital Output Option (for easy MUXing between CODEC & other data sources)
    – Quarter-speed Mode - (i.e. allows 8 kHz Fs while maintaining a flat noise floor up to 16 kHz)
    – 4 kHz to 96 kHz Sample Rates
♦ I²C® Control Port Operation
♦ Headphone/Speaker Detection Input
♦ Pop and Click Suppression

Applications
♦ Digital Voice Recorders, Digital Cameras, & Camcorders
♦ PDA’s
♦ Personal Media Players
♦ Portable Game Consoles




Similar Part No. - CS42L52

ManufacturerPart #DatasheetDescription
logo
Cirrus Logic
CS42L52 CIRRUS-CS42L52 Datasheet
1Mb / 82P
2Low-power, Stereo CODEC w/ Headphone & Speaker Amps
CS42L52-CNZ CIRRUS-CS42L52-CNZ Datasheet
1Mb / 82P
2Low-power, Stereo CODEC w/ Headphone & Speaker Amps
CS42L52-CNZR CIRRUS-CS42L52-CNZR Datasheet
1Mb / 82P
2Low-power, Stereo CODEC w/ Headphone & Speaker Amps
CS42L52-DNZ CIRRUS-CS42L52-DNZ Datasheet
1Mb / 82P
2Low-power, Stereo CODEC w/ Headphone & Speaker Amps
CS42L52-DNZR CIRRUS-CS42L52-DNZR Datasheet
1Mb / 82P
2Low-power, Stereo CODEC w/ Headphone & Speaker Amps
More results


Similar Description - CS42L52

ManufacturerPart #DatasheetDescription
logo
Cirrus Logic
CS42L51 CIRRUS-CS42L51 Datasheet
1Mb / 83P
Low Power, Stereo CODEC with Headphone Amp
CS42L51 CIRRUS-CS42L51_07 Datasheet
1Mb / 88P
Low Power, Stereo CODEC with Headphone Amp
CS42L52 CIRRUS-CS42L52_08 Datasheet
1Mb / 82P
2Low-power, Stereo CODEC w/ Headphone & Speaker Amps
CS42L55 CIRRUS-CS42L55 Datasheet
1Mb / 73P
Ultra Low Power, Stereo CODEC w/Class H Headphone Amp
CS43L22 CIRRUS-CS43L22 Datasheet
1Mb / 68P
Low Power, Stereo DAC w/Headphone & Speaker Amps
CS43L22 CIRRUS-CS43L22_10 Datasheet
695Kb / 66P
Low Power, Stereo DAC w/Headphone & Speaker Amps
logo
Protek Devices
PA5750 PROTEC-PA5750 Datasheet
300Kb / 30P
Low Power Stereo Audio CODEC With Speaker and Headphone Amplifier.
logo
Freescale Semiconductor...
SGTL5000XNAA3 FREESCALE-SGTL5000XNAA3 Datasheet
1Mb / 84P
Low Power Stereo Codec with Headphone Amp
SGTL5000 FREESCALE-SGTL5000_13 Datasheet
1Mb / 68P
Low Power Stereo Codec with Headphone Amp
SGTL5000XNAA3R2 FREESCALE-SGTL5000XNAA3R2 Datasheet
1Mb / 68P
Low Power Stereo Codec with Headphone Amp
More results




About Cirrus Logic


Cirrus Logic is an American company that specializes in the design and manufacture of high-precision analog and mixed-signal integrated circuits (ICs).
The company was founded in 1984 and is headquartered in Austin, Texas, USA.
Cirrus Logic offers a wide range of products including audio converters, audio codecs, digital signal processors, and other analog and mixed-signal ICs.
The company's products are used in various applications such as consumer electronics, automotive audio systems, and professional audio equipment.
Cirrus Logic is known for its expertise in analog and mixed-signal technology, high-quality products, and innovation in the field of audio and voice processing.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com