Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS43L22 Datasheet (PDF) - Cirrus Logic

CS43L22 Datasheet PDF - Cirrus Logic
Part # CS43L22
Download  CS43L22 Download
File Size   1508.42 Kbytes
Page   68 Pages
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic
Description Low Power, Stereo DAC w/Headphone & Speaker Amps

CS43L22 Datasheet (PDF)

Go To PDF Page Download Datasheet
CS43L22 Datasheet PDF - Cirrus Logic

Part # CS43L22
Download  CS43L22 Click to download

File Size   1508.42 Kbytes
Page   68 Pages
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic
Description Low Power, Stereo DAC w/Headphone & Speaker Amps

CS43L22 Datasheet (HTML) - Cirrus Logic


CS43L22 Product details

General Description

The CS43L22 is a highly integrated, low power stereo DAC with headphone and Class D speaker amplifiers. The CS43L22 offers many features suitable for low power, portable system applications.



FEATURES

♦ 98 dB Dynamic Range (A-wtd)

♦ 88 dB THD+N

♦ Headphone Amplifier - GND Centered

– No DC-Blocking Capacitors Required

– Integrated Negative Voltage Regulator

– 2 x 23 mW into Stereo 16 Ω @ 1.8 V

– 2 x 44 mW into Stereo 16 Ω @ 2.5V

♦ Stereo Analog Input Passthrough Architecture

– Analog Input Mixing

– Analog Passthrough with Volume Control

♦ Digital Signal Processing Engine

– Bass & Treble Tone Control, De-Emphasis

– PCM Input w/Independent Vol Control

– Master Digital Volume Control and Limiter

– Soft-Ramp & Zero-Cross Transitions

♦ Programmable Peak-Detect and Limiter

♦ Beep Generator w/Full Tone Control

– Tone Selections Across Two Octaves

– Separate Volume Control

– Programmable On and Off Time Intervals

– Continuous, Periodic, One-Shot Beep Selections




Similar Part No. - CS43L22

ManufacturerPart #DatasheetDescription
logo
Cirrus Logic
CS43L22 CIRRUS-CS43L22 Datasheet
695Kb / 66P
Low Power, Stereo DAC w/Headphone & Speaker Amps
CS43L22-CNZ CIRRUS-CS43L22-CNZ Datasheet
695Kb / 66P
Low Power, Stereo DAC w/Headphone & Speaker Amps
CS43L22-CNZR CIRRUS-CS43L22-CNZR Datasheet
695Kb / 66P
Low Power, Stereo DAC w/Headphone & Speaker Amps
CS43L22 CIRRUS-CS43L22_10 Datasheet
695Kb / 66P
Low Power, Stereo DAC w/Headphone & Speaker Amps
More results


Similar Description - CS43L22

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LA4820M SANYO-LA4820M Datasheet
677Kb / 20P
Monaural Speaker/Stereo Headphone Power Amplifier
logo
Cirrus Logic
CS43L42 CIRRUS-CS43L42 Datasheet
1Mb / 40P
Low Voltage,Stereo DAC With Headphone Amp
CS43L43 CIRRUS-CS43L43 Datasheet
973Kb / 36P
Low Voltage,Stereo DAC With Headphone Amp
logo
Burr-Brown (TI)
TLV320DAC26 BURR-BROWN-TLV320DAC26 Datasheet
452Kb / 46P
LOW POWER STEREO AUDIO DAC WITH HEADPHONE/SPEAKER AMPLIFIER
logo
Cirrus Logic
CS42L52 CIRRUS-CS42L52 Datasheet
1Mb / 82P
Low Power, Stereo CODEC w/Headphone & Speaker Amps
CS42L52 CIRRUS-CS42L52_08 Datasheet
1Mb / 82P
2Low-power, Stereo CODEC w/ Headphone & Speaker Amps
CS43L22 CIRRUS-CS43L22_10 Datasheet
695Kb / 66P
Low Power, Stereo DAC w/Headphone & Speaker Amps
logo
Protek Devices
PA5750 PROTEC-PA5750 Datasheet
300Kb / 30P
Low Power Stereo Audio CODEC With Speaker and Headphone Amplifier.
logo
Suzhou Everest Semicond...
ES8155 EVEREST-ES8155 Datasheet
478Kb / 33P
Low Power Stereo Audio DAC With Headphone Amplifier
logo
Realtek Semiconductor C...
ALC5626 REALTEK-ALC5626 Datasheet
931Kb / 55P
I2S AUDIO DAC HEADPHONE AND STEREO CLASS-AB/D SPEAKER AMPLIFIER
More results




About Cirrus Logic


Cirrus Logic is an American company that specializes in the design and manufacture of high-precision analog and mixed-signal integrated circuits (ICs).
The company was founded in 1984 and is headquartered in Austin, Texas, USA.
Cirrus Logic offers a wide range of products including audio converters, audio codecs, digital signal processors, and other analog and mixed-signal ICs.
The company's products are used in various applications such as consumer electronics, automotive audio systems, and professional audio equipment.
Cirrus Logic is known for its expertise in analog and mixed-signal technology, high-quality products, and innovation in the field of audio and voice processing.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com