Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS43L22 Datasheet(PDF) 7 Page - Cirrus Logic

Part # CS43L22
Description  Low Power, Stereo DAC w/Headphone & Speaker Amps
PDF  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS43L22 Datasheet(HTML) 7 Page - Cirrus Logic

Back Button CS43L22 Datasheet HTML 3Page - Cirrus Logic CS43L22 Datasheet HTML 4Page - Cirrus Logic CS43L22 Datasheet HTML 5Page - Cirrus Logic CS43L22 Datasheet HTML 6Page - Cirrus Logic CS43L22 Datasheet HTML 7Page - Cirrus Logic CS43L22 Datasheet HTML 8Page - Cirrus Logic CS43L22 Datasheet HTML 9Page - Cirrus Logic CS43L22 Datasheet HTML 10Page - Cirrus Logic CS43L22 Datasheet HTML 11Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 68 page
background image
DS792F1
7
CS43L22
Confidential Draft
10/7/08
1. PIN DESCRIPTIONS
Pin Name
#
Pin Description
SDA
1
Serial Control Data (Input/Output) - SDA is a data I/O in I²C Mode.
SCL
2
Serial Control Port Clock (Input) - Serial clock for the serial control port.
AD0
3
Address Bit 0 (I²C) (Input) - AD0 is a chip address pin in I²C Mode;
SPKR_OUTA+
SPKR_OUTA-
SPKR_OUTB+
SPKR_OUTB-
4
6
7
9
PWM Speaker Output (Output) - Full-bridge amplified PWM speaker outputs.
VP
5
8
Power for PWM Drivers (Input) - Power supply for the PWM output driver stages.
-VHPFILT
10
Inverting Charge Pump Filter Connection (Output) - Power supply from the inverting charge
pump that provides the negative rail for the headphone/line amplifiers.
FLYN
11
Charge Pump Cap Negative Node (Output) - Negative node for the inverting charge pump’s fly-
ing capacitor.
FLYP
12
Charge Pump Cap Positive Node (Output) - Positive node for the inverting charge pump’s flying
capacitor.
+VHP
13
Positive Analog Power for Headphone (Input) - Positive voltage rail and power for the internal
headphone amplifiers and inverting charge pump.
HP/LINE_OUTB, A
14,15 Headphone/Line Audio Output (Output) - Stereo headphone or line level analog outputs.
VA
16
Analog Power (Input) - Positive power for the internal analog section.
29
30
28
27
26
25
24
23
22
21
2
1
3
4
5
6
7
8
9
10
GND/Thermal Pad
SDA
AIN4A
AIN2A
AD0
SPKR_OUTA+
VP
VP
SPKR_OUTB-
-VHPFILT
AIN4B
AIN1B
AIN2B
AFILTB
AIN3B
AFILTA
AIN1A
AIN3A
SPKR_OUTB+
SCL
SPKR_OUTA-
Top-Down (Through-Package) View
40-Pin QFN Package



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com