Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS43L22 Datasheet(PDF) 61 Page - Cirrus Logic

Part # CS43L22
Description  Low Power, Stereo DAC w/Headphone & Speaker Amps
PDF  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS43L22 Datasheet(HTML) 61 Page - Cirrus Logic

Back Button CS43L22 Datasheet HTML 57Page - Cirrus Logic CS43L22 Datasheet HTML 58Page - Cirrus Logic CS43L22 Datasheet HTML 59Page - Cirrus Logic CS43L22 Datasheet HTML 60Page - Cirrus Logic CS43L22 Datasheet HTML 61Page - Cirrus Logic CS43L22 Datasheet HTML 62Page - Cirrus Logic CS43L22 Datasheet HTML 63Page - Cirrus Logic CS43L22 Datasheet HTML 64Page - Cirrus Logic CS43L22 Datasheet HTML 65Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 61 / 68 page
background image
DS792F1
61
CS43L22
Confidential Draft
10/7/08
G = 0.6047
G = 0.7099
G = 0.8399
G = 1.0000
G = 1.1430
Legend
-100
-20
-95
-90
-85
-80
-75
-70
-65
-60
-55
-50
-45
-40
-35
-30
d
B
r
A
0
60m
6m
12m
18m
24m
30m
36m
42m
48m
54m
W
Figure 20. THD+N vs. Output Power per Channel at 1.8 V (32
Ω load)
VHP = VA = 1.8 V
NOTE: Graph shows the out-
put power per channel (i.e.
Output Power = 22 mW
into
single 32
Ω and 44 mW into
stereo 32
Ω with THD+N = -
75 dB).
G = 0.6047
G = 0.7099
G = 0.8399
G = 1.0000
G = 1.1430
Legend
-100
-20
-95
-90
-85
-80
-75
-70
-65
-60
-55
-50
-45
-40
-35
-30
-25
d
B
r
A
0
60m
5m
10m
15m
20m
25m
30m
35m
40m
45m
50m
55m
W
Figure 21. THD+N vs. Output Power per Channel at 2.5 V (32
Ω load)
VHP = VA = 2.5 V
NOTE: Graph shows the out-
put power per channel (i.e.
Output Power = 42 mW
into
single 32
Ω and 84 mW into
stereo 32
Ω with THD+N = -
75 dB).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com