Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS43L22 Datasheet(PDF) 17 Page - Cirrus Logic

Part # CS43L22
Description  Low Power, Stereo DAC w/Headphone & Speaker Amps
PDF  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS43L22 Datasheet(HTML) 17 Page - Cirrus Logic

Back Button CS43L22 Datasheet HTML 13Page - Cirrus Logic CS43L22 Datasheet HTML 14Page - Cirrus Logic CS43L22 Datasheet HTML 15Page - Cirrus Logic CS43L22 Datasheet HTML 16Page - Cirrus Logic CS43L22 Datasheet HTML 17Page - Cirrus Logic CS43L22 Datasheet HTML 18Page - Cirrus Logic CS43L22 Datasheet HTML 19Page - Cirrus Logic CS43L22 Datasheet HTML 20Page - Cirrus Logic CS43L22 Datasheet HTML 21Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 68 page
background image
DS792F1
17
CS43L22
Confidential Draft
10/7/08
SWITCHING SPECIFICATIONS - SERIAL PORT
Inputs: Logic 0 = DGND; Logic 1 = VL.
11. After powering up the CS43L22, RESET should be held low after the power supplies and clocks are
settled.
12. See “Example System Clock Frequencies” on page 62 for typical MCLK frequencies.
Parameters
Symbol
Min
Max
Units
RESET pin Low Pulse Width
(Note 11)
1-
ms
MCLK Frequency (Note 12)
(See “Serial Port Clock-
ing” on page 30)
MHz
MCLK Duty Cycle
45
55
%
Slave Mode
Sample Rate (LRCK)
Fs
(See “Serial Port Clock-
ing” on page 30)
kHz
LRCK Duty Cycle
45
55
%
SCLK Frequency
1/tP
-
64•Fs
Hz
SCLK Duty Cycle
45
55
%
LRCK Setup Time Before SCLK Rising Edge
ts(LK-SK)
40
-
ns
SDIN Setup Time Before SCLK Rising Edge
ts(SD-SK)
20
-
ns
SDIN Hold Time After SCLK Rising Edge
th
20
-
ns
Master Mode
Sample Rate (LRCK)
Fs
(See “Serial Port Clock-
ing” on page 30)
Hz
LRCK Duty Cycle
45
55
%
SCLK Frequency
SCLK=MCLK mode
1/tP
-
12.0000
MHz
MCLK=12.0000 MHz
1/tP
-
68•Fs
Hz
all other modes
1/tP
-
64•Fs
Hz
SCLK Duty Cycle
45
55
%
SDIN Setup Time Before SCLK Rising Edge
ts(SD-SK)
20
-
ns
SDIN Hold Time After SCLK Rising Edge
th
20
-
ns
//
//
//
//
//
//
ts(SD-SK)
MSB
MSB-1
LRCK
SCLK
SDIN
ts(LK-SK)
tP
th
Figure 3. Serial Audio Interface Timing



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com