Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS43L22 Datasheet(PDF) 47 Page - Cirrus Logic

Part # CS43L22
Description  Low Power, Stereo DAC w/Headphone & Speaker Amps
PDF  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS43L22 Datasheet(HTML) 47 Page - Cirrus Logic

Back Button CS43L22 Datasheet HTML 43Page - Cirrus Logic CS43L22 Datasheet HTML 44Page - Cirrus Logic CS43L22 Datasheet HTML 45Page - Cirrus Logic CS43L22 Datasheet HTML 46Page - Cirrus Logic CS43L22 Datasheet HTML 47Page - Cirrus Logic CS43L22 Datasheet HTML 48Page - Cirrus Logic CS43L22 Datasheet HTML 49Page - Cirrus Logic CS43L22 Datasheet HTML 50Page - Cirrus Logic CS43L22 Datasheet HTML 51Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 47 / 68 page
background image
DS792F1
47
CS43L22
Confidential Draft
10/7/08
7.12.5
Speaker MONO Control
Configures a parallel full bridge output for the speaker channels.
7.12.6
Speaker Mute 50/50 Control
Configures how the speaker channels mute.
7.13
Passthrough x Volume: PASSAVOL (Address 14h) & PASSBVOL (Address 15h)
7.13.1
Passthrough x Volume
Sets the volume/gain of the analog input signal routed to the headphone/line output.
Notes:
1.
This register is ignored when the PASSTHRUx bit (“Passthrough Analog” on page 45) is disabled.
2.
The step size may deviate from 0.5 dB at settings below -40 dB. Code settings 0x95, 0xA1, 0xAD and
0xB9 are not guaranteed to be monotonic.
SPKMONO
Parallel Full Bridge Output
0
Disabled
1
Enabled
Application:
“Mono Speaker Output Configuration” on page 28
MUTE50/50
Speaker Mute 50/50
0
Disabled; The PWM amplifiers outputs modulated silence when SPKxMUTE is enabled.
1
Enabled; The PWM amplifiers switch at an exact 50%-duty-cycle signal (not modulated) when SPKxMUTE is
enabled.
7
6
5
432
10
PASSxVOL7
PASSxVOL6
PASSxVOL5
PASSxVOL4
PASSxVOL3
PASSxVOL2
PASSxVOL1
PASSxVOL0
PASSxVOL[7:0]
Gain
0111 1111
12 dB
...
...
0001 1000
12 dB
...
...
0000 0001
+0.5 dB
0000 0000
0 dB
11111 1111
-0.5 dB
...
...
1000 1000
-60.0 dB
...
...
1000 0000
-60.0 dB
Step Size:
0.5 dB (approximate)
Application:
“Passthrough Analog” on page 45



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com