Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS43L22 Datasheet(PDF) 53 Page - Cirrus Logic

Part # CS43L22
Description  Low Power, Stereo DAC w/Headphone & Speaker Amps
PDF  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS43L22 Datasheet(HTML) 53 Page - Cirrus Logic

Back Button CS43L22 Datasheet HTML 49Page - Cirrus Logic CS43L22 Datasheet HTML 50Page - Cirrus Logic CS43L22 Datasheet HTML 51Page - Cirrus Logic CS43L22 Datasheet HTML 52Page - Cirrus Logic CS43L22 Datasheet HTML 53Page - Cirrus Logic CS43L22 Datasheet HTML 54Page - Cirrus Logic CS43L22 Datasheet HTML 55Page - Cirrus Logic CS43L22 Datasheet HTML 56Page - Cirrus Logic CS43L22 Datasheet HTML 57Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 53 / 68 page
background image
DS792F1
53
CS43L22
Confidential Draft
10/7/08
7.21
Speaker Volume Control: SPKA (Address 24h) & SPKB (Address 25h)
7.21.1
Speaker Volume Control
Sets the volume of the signal out the PWM modulator.
Note:
The maximum step size error is +/-0.15 dB.
7.22
PCM Channel Swap (Address 26h)
7.22.1
PCM Channel Swap
Configures a mix/swap of the PCM data to the headphone/line or speaker outputs.
7
6
5
432
10
SPKxVOL7
SPKxVOL6
SPKxVOL5
SPKxVOL4
SPKxVOL3
SPKxVOL2
SPKxVOL1
SPKxVOL0
SPKxVOL[7:0]
Speaker Volume
0000 0000
0 dB
1111 1111
-0.5 dB
1111 1110
-1.0 dB
···
···
0100 0000
-96.0 dB
···
···
0000 0001
Muted
Step Size:
0.5 dB
7
6
5
432
10
PCMASWP1
PCMASWP0
PCMBSWP1
PCMBSWP0
Reserved
Reserved
Reserved
Reserved
PCMxSWP[1:0]
PCM to HP/LINEOUTA
PCM to HP/LINEOUTB
00
Left
Right
01
(Left + Right)/2
(Left + Right)/2
10
11
Right
Left



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com