Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS43L22 Datasheet(PDF) 15 Page - Cirrus Logic

Part # CS43L22
Description  Low Power, Stereo DAC w/Headphone & Speaker Amps
PDF  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS43L22 Datasheet(HTML) 15 Page - Cirrus Logic

Back Button CS43L22 Datasheet HTML 11Page - Cirrus Logic CS43L22 Datasheet HTML 12Page - Cirrus Logic CS43L22 Datasheet HTML 13Page - Cirrus Logic CS43L22 Datasheet HTML 14Page - Cirrus Logic CS43L22 Datasheet HTML 15Page - Cirrus Logic CS43L22 Datasheet HTML 16Page - Cirrus Logic CS43L22 Datasheet HTML 17Page - Cirrus Logic CS43L22 Datasheet HTML 18Page - Cirrus Logic CS43L22 Datasheet HTML 19Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 68 page
background image
DS792F1
15
CS43L22
Confidential Draft
10/7/08
8.
VHP settings lower than VA reduces the headroom of the headphone amplifier. As a result, the DAC
may not achieve the full THD+N performance at full-scale output voltage and power.
LINE OUTPUT VOLTAGE LEVEL CHARACTERISTICS
Test conditions (unless otherwise specified): Input test signal is a full-scale 997 Hz sine wave; measurement bandwidth is 20 Hz
to 20 kHz; Sample Frequency = 48 kHz; Test load RL = 10 kΩ, CL = 10 pF (see Figure 2); “Required Initialization Settings” on
page 33 written on power up.
COMBINED DAC INTERPOLATION & ON-CHIP ANALOG FILTER RESPONSE
Parameters
VA = 2.5V
Min
Typ
Max
VA = 1.8V
Min
Typ
Max
Unit
AOUTx Voltage Into RL = 10 kΩ
HP_GAIN[2:0]
Analog
Gain (G)
VHP
000
0.3959
1.8 V
-
1.34
-
-
0.97
-
Vpp
2.5 V
-
1.34
-
-
0.97
-
Vpp
001
0.4571
1.8 V
-
1.55
-
-
1.12
-
Vpp
2.5 V
-
1.55
-
-
1.12
-
Vpp
010
0.5111
1.8 V
-
1.73
-
-
1.25
-
Vpp
2.5 V
-
1.73
-
-
1.25
-
Vpp
011 (default)
0.6047
1.8 V
-
2.05
-
1.41
1.48
1.55
Vpp
2.5 V
1.95
2.05
2.15
-
1.48
-
Vpp
100
0.7099
1.8 V
-
2.41
-
-
1.73
-
Vpp
2.5 V
-
2.41
-
-
1.73
-
Vpp
101
0.8399
1.8 V
-
2.85
-
2.05
Vpp
2.5 V
-
2.85
-
-
2.05
-
Vpp
110
1.0000
1.8 V
-
3.39
-
-
2.44
-
Vpp
2.5 V
-
3.39
-
-
2.44
-
Vpp
111
1.1430
1.8 V
(See (Note 8)
2.79
Vpp
2.5 V
-
3.88
-
-
2.79
-
Vpp
Parameters (Note 9)
Min
Typ
Max
Unit
Frequency Response 10 Hz to 20 kHz
-0.01
-
+0.08
dB
Passband
to -0.05 dB corner
to -3 dB corner
0
0
-
-
0.4780
0.4996
Fs
Fs
StopBand
0.5465
-
-
Fs
AOUTx
AGND
R
L
C
L
0.022
µF
51
Ω
Figure 2. Headphone Output Test Load



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com