Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS43L22 Datasheet(PDF) 38 Page - Cirrus Logic

Part # CS43L22
Description  Low Power, Stereo DAC w/Headphone & Speaker Amps
PDF  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS43L22 Datasheet(HTML) 38 Page - Cirrus Logic

Back Button CS43L22 Datasheet HTML 34Page - Cirrus Logic CS43L22 Datasheet HTML 35Page - Cirrus Logic CS43L22 Datasheet HTML 36Page - Cirrus Logic CS43L22 Datasheet HTML 37Page - Cirrus Logic CS43L22 Datasheet HTML 38Page - Cirrus Logic CS43L22 Datasheet HTML 39Page - Cirrus Logic CS43L22 Datasheet HTML 40Page - Cirrus Logic CS43L22 Datasheet HTML 41Page - Cirrus Logic CS43L22 Datasheet HTML 42Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 38 / 68 page
background image
38
DS792F1
CS43L22
Confidential Draft
10/7/08
7. REGISTER DESCRIPTION
All registers are read/write except for the chip I.D. and Revision Register and Interrupt Status Register which are
read only. See the following bit definition tables for bit assignment information. The default state of each bit after a
power-up sequence or reset is shown as shaded in the table. All “Reserved” bits must maintain their default value.
7.1
Chip I.D. and Revision Register (Address 01h) (Read Only)
7.1.1
Chip I.D. (Read Only)
I.D. code for the CS43L22.
7.1.2
Chip Revision (Read Only)
CS43L22 revision level.
7.2
Power Control 1 (Address 02h)
7.2.1
Power Down
Configures the power state of the CS43L22.
Note:
1.
All states of PDN[7:0] not shown in the table are reserved.
76
543
21
0
CHIPID4
CHIPID3
CHIPID2
CHIPID1
CHIPID0
REVID2
REVID1
REVID0
CHIPID[4:0]
Device
11100
CS43L22
REVID[2:0]
Revision Level
000
A0
001
A1
010
B0
011
B1
76
543
21
0
PDN7
PDN6
PDN5
PDN4
PDN3
PDN2
PDN1
PDN0
PDN[7:0]
Status
0000 0001
Powered Down - same as setting 1001 1111
1001 1110
Powered Up
1001 1111
Powered Down - same as setting 0000 0001



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com