Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS43L22 Datasheet(PDF) 43 Page - Cirrus Logic

Part # CS43L22
Description  Low Power, Stereo DAC w/Headphone & Speaker Amps
PDF  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS43L22 Datasheet(HTML) 43 Page - Cirrus Logic

Back Button CS43L22 Datasheet HTML 39Page - Cirrus Logic CS43L22 Datasheet HTML 40Page - Cirrus Logic CS43L22 Datasheet HTML 41Page - Cirrus Logic CS43L22 Datasheet HTML 42Page - Cirrus Logic CS43L22 Datasheet HTML 43Page - Cirrus Logic CS43L22 Datasheet HTML 44Page - Cirrus Logic CS43L22 Datasheet HTML 45Page - Cirrus Logic CS43L22 Datasheet HTML 46Page - Cirrus Logic CS43L22 Datasheet HTML 47Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 43 / 68 page
background image
DS792F1
43
CS43L22
Confidential Draft
10/7/08
7.7
Passthrough x Select: PassA (Address 08h), PassB (Address 09h)
7.7.1
Passthrough Input Channel Mapping
Selects one or sums/mixes the analog input signal into the passthrough Amplifier. Each bit of the
PASSx_SEL[4:1] word corresponds to individual channels (i.e. PASSx_SEL1 selects AIN1x,
PASSx_SEL2 selects AIN2x, etc.).
7.8
Analog ZC and SR Settings (Address 0Ah)
7.8.1
Ch. x Analog Soft Ramp
Configures an incremental volume ramp from the current level to the new level at the specified rate.
7.8.2
Ch. x Analog Zero Cross
Configures when the signal level changes occur for the analog volume controls.
Note:
If the signal does not encounter a zero crossing, the requested volume change will occur after a
timeout period of 1024 sample periods (approximately 10.7 ms at 48 kHz sample rate).
7.9
Passthrough Gang Control (Address 0Ch)
7.9.1
Passthrough Channel B=A gang Control
Configures independent or ganged control of the passthrough channel settings. Mute is not affected.
76
5
4
3
2
1
0
Reserved
Reserved
Reserved
Reserved
PASSASEL4
PASSASEL3
PASSASEL2
PASSASEL1
PASSxSEL[4:1]
Selected Input to Passthrough Channelx
00000
No inputs selected
00001
AIN1x
00010
AIN2x
00100
AIN3x
01000
AIN4x
Application:
“Analog Passthrough” on page 25
Note: Table does not show all possible combinations.
7
6
5
432
10
Reserved
Reserved
Reserved
Reserved
ANLGSFTB
ANLGZCB
ANLGSFTA
ANLGZCA
ANLGSFTx
Volume Changes
Affected Analog Volume Controls
0
Do not occur with a soft ramp
PASSxVOL[7:0] (“Passthrough x Volume” on page 47)
1
Occur with a soft ramp
Ramp Rate:
1/2 dB every 16 LRCK cycles
ANLGZCx
Volume Changes
Affected Analog Volume Controls
0
Do not occur on a zero cross-
ing
PASSxVOL[7:0] (“Passthrough x Volume” on page 47)
1
Occur on a zero crossing
7
6
5
432
10
PASSB=A
Reserved
Reserved
Reserved
Reserved
Reserved
Reserved
Reserved
PASSB=A
Single Volume Control
0
Disabled
1
Enabled



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com