Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS43L22 Datasheet(PDF) 44 Page - Cirrus Logic

Part # CS43L22
Description  Low Power, Stereo DAC w/Headphone & Speaker Amps
PDF  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS43L22 Datasheet(HTML) 44 Page - Cirrus Logic

Back Button CS43L22 Datasheet HTML 40Page - Cirrus Logic CS43L22 Datasheet HTML 41Page - Cirrus Logic CS43L22 Datasheet HTML 42Page - Cirrus Logic CS43L22 Datasheet HTML 43Page - Cirrus Logic CS43L22 Datasheet HTML 44Page - Cirrus Logic CS43L22 Datasheet HTML 45Page - Cirrus Logic CS43L22 Datasheet HTML 46Page - Cirrus Logic CS43L22 Datasheet HTML 47Page - Cirrus Logic CS43L22 Datasheet HTML 48Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 44 / 68 page
background image
44
DS792F1
CS43L22
Confidential Draft
10/7/08
7.10
Playback Control 1 (Address 0Dh)
7.10.1
Headphone Analog Gain
Selects the gain multiplier for the headphone/line outputs.
Note:
Refer to “Headphone Output Power Characteristics” on page 14 and “Headphone Output Power
Characteristics” on page 14.
7.10.2
Playback Volume Setting B=A
Configures independent or ganged volume control of all playback channels. Mute is not affected.
7.10.3
Invert PCM Signal Polarity
Configures the polarity of the digital input signal.
7.10.4
Master Playback Mute
Configures a digital mute on the master volume control for channel x.
Note:
The muting function is affected by the DIGSFT (“Digital Soft Ramp” on page 45) and DIGZC
(“Digital Zero Cross” on page 46) bits.
76
543
21
0
HPGAIN2
HPGAIN1
HPGAIN0
PLYBCKB=A
INV_PCMB
INV_PCMA
MSTBMUTE
MSTAMUTE
HPGAIN[2:0]
Headphone/Line Gain Setting (G)
000
0.3959
001
0.4571
010
0.5111
011
0.6047
100
0.7099
101
0.8399
110
1.000
111
1.1430
PLYBCKB=A
Single Volume Control for all Playback Channels
0
Disabled
1
Enabled
INV_PCMx
PCM Signal Polarity
0
Not Inverted
1
Inverted
MSTxMUTE
Master Mute
0
Not Inverted
1
Inverted



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com