Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS43L22 Datasheet(PDF) 34 Page - Cirrus Logic

Part # CS43L22
Description  Low Power, Stereo DAC w/Headphone & Speaker Amps
PDF  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS43L22 Datasheet(HTML) 34 Page - Cirrus Logic

Back Button CS43L22 Datasheet HTML 30Page - Cirrus Logic CS43L22 Datasheet HTML 31Page - Cirrus Logic CS43L22 Datasheet HTML 32Page - Cirrus Logic CS43L22 Datasheet HTML 33Page - Cirrus Logic CS43L22 Datasheet HTML 34Page - Cirrus Logic CS43L22 Datasheet HTML 35Page - Cirrus Logic CS43L22 Datasheet HTML 36Page - Cirrus Logic CS43L22 Datasheet HTML 37Page - Cirrus Logic CS43L22 Datasheet HTML 38Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 68 page
background image
34
DS792F1
CS43L22
Confidential Draft
10/7/08
5. CONTROL PORT OPERATION
The control port is used to access the registers allowing the CS43L22 to be configured for the desired op-
erational modes and formats. The operation of the control port may be completely asynchronous with re-
spect to the audio sample rates. However, to avoid potential interference problems, the control port pins
should remain static if no operation is required.
The control port operates using an I²C interface with the CS43L22 acting as a slave device.
5.0.1
I²C Control
SDA is a bidirectional data line. Data is clocked into and out of the part by the clock, SCL. The signal tim-
ings for a read and write cycle are shown in Figure 16 and Figure 17. A Start condition is defined as a
falling transition of SDA while the clock is high. A Stop condition is defined as a rising transition of SDA
while the clock is high. All other transitions of SDA occur while the clock is low. The first byte sent to the
CS43L22 after a Start condition consists of a 7-bit chip address field and a R/W bit (high for a read, low
for a write).
The upper 7 bits of the address field are fixed at 1001010. To communicate with the CS43L22, the chip
address field, which is the first byte sent to the CS43L22, should match 1001010. The eighth bit of the
address is the R/W bit. If the operation is a write, the next byte is the Memory Address Pointer (MAP),
which selects the register to be read or written. If the operation is a read, the contents of the register point-
ed to by the MAP will be output. Setting the auto-increment bit in MAP allows successive reads or writes
of consecutive registers. Each byte is separated by an acknowledge bit. The ACK bit is output from the
CS43L22 after each input byte is read and is input to the CS43L22 from the microcontroller after each
transmitted byte.
Since the read operation cannot set the MAP, an aborted write operation is used as a preamble. As shown
in Figure 17, the write operation is aborted after the acknowledge for the MAP byte by sending a stop con-
dition. The following pseudocode illustrates an aborted write operation followed by a read operation.
Send start condition.
Send 10010100 (chip address & write operation).
Receive acknowledge bit.
4
5
6
7
24 25
SCL
CHIP ADDRESS (WRITE)
MAP BYTE
DATA
DATA +1
START
ACK
STOP
ACK
ACK
ACK
1
0
0
1
0
1
0
0
SDA
INCR
6
5
4
3
2
1
0
7
6
1
0
7
6
1
0
7
6
1
0
0
1
2
3
8
9
12
16 17 18
19
10 11
13 14 15
27 28
26
DATA +n
Figure 16. Control Port Timing, I²C Write
SCL
CHIP ADDRESS (WRITE)
MAP BYTE
DATA
DATA +1
START
ACK
STOP
ACK
ACK
ACK
1
0
0
1
0 1 0 0
SDA
1
0
0
1
0
1 0 1
CHIP ADDRESS (READ)
START
INCR
6
5
4
3
2
1
0
7
0
7
0
7
0
NO
16
8
9
12 13 14 15
4
5
6
7
0
1
20 21 22 23 24
26 27 28
2
3
10 11
17 18
19
25
ACK
DATA + n
STOP
Figure 17. Control Port Timing, I²C Read



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com