Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS43L22 Datasheet(PDF) 66 Page - Cirrus Logic

Part # CS43L22
Description  Low Power, Stereo DAC w/Headphone & Speaker Amps
PDF  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS43L22 Datasheet(HTML) 66 Page - Cirrus Logic

Back Button CS43L22 Datasheet HTML 60Page - Cirrus Logic CS43L22 Datasheet HTML 61Page - Cirrus Logic CS43L22 Datasheet HTML 62Page - Cirrus Logic CS43L22 Datasheet HTML 63Page - Cirrus Logic CS43L22 Datasheet HTML 64Page - Cirrus Logic CS43L22 Datasheet HTML 65Page - Cirrus Logic CS43L22 Datasheet HTML 66Page - Cirrus Logic CS43L22 Datasheet HTML 67Page - Cirrus Logic CS43L22 Datasheet HTML 68Page - Cirrus Logic  
Zoom Inzoom in Zoom Outzoom out
 66 / 68 page
background image
66
DS792F1
CS43L22
Confidential Draft
10/7/08
13.PACKAGE DIMENSIONS
1.
Dimensioning and tolerance per ASME Y 14.5M-1995.
2.
Dimensioning lead width applies to the plated terminal and is measured between 0.20 mm and 0.25 mm
from the terminal tip.
THERMAL CHARACTERISTICS
INCHES
MILLIMETERS
NOTE
DIM
MIN
NOM
MAX
MIN
NOM
MAX
A
----
0.0394
----
1.00
1
A1
0.0000
--
0.0020
0.00
--
0.05
1
b
0.0071
0.0091
0.0110
0.18
0.23
0.28
1,2
D
0.2362 BSC
6.00 BSC
1
D2
0.1594
0.1614
0.1634
4.05
4.10
4.15
1
E
0.2362 BSC
6.00 BSC
1
E2
0.1594
0.1614
0.1634
4.05
4.10
4.15
1
e
0.0197 BSC
0.50 BSC
1
L
0.0118
0.0157
0.0197
0.30
0.40
0.50
1
JEDEC #: MO-220
Controlling Dimension is Millimeters.
Parameter
Symbol
Min
Typ
Max
Units
Junction to Ambient Thermal Impedance
2 Layer Board
4 Layer Board
θJA
θJA
-
-
44
19
-
-
°C/Watt
°C/Watt
40L QFN (6 X 6 mm BODY) PACKAGE DRAWING
e
b
A
A1
PIN#1IDENTIFIER
∅0.50±0.10
LASERMARKING
E
D2
L
PIN#1CORNER
2.00REF
E2
D



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com