Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS43L22 Datasheet(PDF) 59 Page - Cirrus Logic

Part # CS43L22
Description  Low Power, Stereo DAC w/Headphone & Speaker Amps
PDF  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS43L22 Datasheet(HTML) 59 Page - Cirrus Logic

Back Button CS43L22 Datasheet HTML 55Page - Cirrus Logic CS43L22 Datasheet HTML 56Page - Cirrus Logic CS43L22 Datasheet HTML 57Page - Cirrus Logic CS43L22 Datasheet HTML 58Page - Cirrus Logic CS43L22 Datasheet HTML 59Page - Cirrus Logic CS43L22 Datasheet HTML 60Page - Cirrus Logic CS43L22 Datasheet HTML 61Page - Cirrus Logic CS43L22 Datasheet HTML 62Page - Cirrus Logic CS43L22 Datasheet HTML 63Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 59 / 68 page
background image
DS792F1
59
CS43L22
Confidential Draft
10/7/08
7.29.2
SPKR/HP Pin Status (Read Only)
Indicates the status of the SPKR/HP pin.
7.30
Charge Pump Frequency (Address 34h)
7.30.1
Charge Pump Frequency
Sets the charge pump frequency on FLYN and FLYP.
Note:
The headphone output THD+N performance may be affected.
SPKR/HP
Pin State
0
Pulled Low
1
Pulled High
7
6
5
432
10
CHGFREQ3
CHGFREQ2
CHGFREQ1
CHGFREQ0
Reserved
Reserved
Reserved
Reserved
CHGFREQ[3:0]
N
0000
0
...
0101
5
...
1111
15
Formula:
Frequency = (64xFs)/(N+2)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com