Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS43L22 Datasheet(PDF) 55 Page - Cirrus Logic

Part # CS43L22
Description  Low Power, Stereo DAC w/Headphone & Speaker Amps
PDF  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS43L22 Datasheet(HTML) 55 Page - Cirrus Logic

Back Button CS43L22 Datasheet HTML 51Page - Cirrus Logic CS43L22 Datasheet HTML 52Page - Cirrus Logic CS43L22 Datasheet HTML 53Page - Cirrus Logic CS43L22 Datasheet HTML 54Page - Cirrus Logic CS43L22 Datasheet HTML 55Page - Cirrus Logic CS43L22 Datasheet HTML 56Page - Cirrus Logic CS43L22 Datasheet HTML 57Page - Cirrus Logic CS43L22 Datasheet HTML 58Page - Cirrus Logic CS43L22 Datasheet HTML 59Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 55 / 68 page
background image
DS792F1
55
CS43L22
Confidential Draft
10/7/08
7.23.4
Limiter Zero Cross Disable
Configures an override of the digital zero cross setting.
7.24
Limiter Control 2, Release Rate (Address 28h)
7.24.1
Peak Detect and Limiter
Configures the peak detect and limiter circuitry.
7.24.2
Peak Signal Limit All Channels
Sets how channels are attenuated when the limiter is enabled.
7.24.3
Limiter Release Rate
Sets the rate at which the limiter releases the digital attenuation from levels below the CUSH[2:0] thresh-
old (“Limiter Cushion Threshold” on page 54) and returns the analog output level to the MSTxVOL[7:0]
(“Master Volume Control” on page 52) setting.
Note:
The limiter release rate is user-selectable but is also a function of the sampling frequency, Fs,
and the DIGSFT (“Digital Soft Ramp” on page 45) and DIGZC (“Digital Zero Cross” on page 46) setting.
LIMZCDIS
Limiter Zero Cross Disable
0
OFF; Limiter Attack Rate is dictated by the DIGZC (“Digital Zero Cross” on page 46) setting
1
ON; Limiter volume changes take effect in one step, regardless of the DIGZC setting.
Application:
“Limiter” on page 23
7
6
5
432
10
LIMIT
LIMIT_ALL
LIMRRATE5
LIMRRATE4
LIMRRATE3
LIMRRATE2
LIMRRATE1
LIMRRATE0
LIMIT
Limiter Status
0
Disabled
1
Enabled
Application:
“Limiter” on page 23
LIMIT_ALL
Limiter action:
0
Apply the necessary attenuation on a specific channel only when the signal amplitude on that specific chan-
nel rises above LMAX.
Remove attenuation on a specific channel only when the signal amplitude on that specific channel falls below
CUSH.
1
Apply the necessary attenuation on BOTH channels when the signal amplitude on any ONE channel rises
above LMAX.
Remove attenuation on BOTH channels only when the signal amplitude on BOTH channels fall below CUSH.
Application:
“Limiter” on page 23
LIMRRATE[5:0]
Release Time
00 0000
Fastest Release
···
···
11 1111
Slowest Release
Application:
“Limiter” on page 23



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com