Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS43L22 Datasheet(PDF) 11 Page - Cirrus Logic

Part # CS43L22
Description  Low Power, Stereo DAC w/Headphone & Speaker Amps
PDF  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS43L22 Datasheet(HTML) 11 Page - Cirrus Logic

Back Button CS43L22 Datasheet HTML 7Page - Cirrus Logic CS43L22 Datasheet HTML 8Page - Cirrus Logic CS43L22 Datasheet HTML 9Page - Cirrus Logic CS43L22 Datasheet HTML 10Page - Cirrus Logic CS43L22 Datasheet HTML 11Page - Cirrus Logic CS43L22 Datasheet HTML 12Page - Cirrus Logic CS43L22 Datasheet HTML 13Page - Cirrus Logic CS43L22 Datasheet HTML 14Page - Cirrus Logic CS43L22 Datasheet HTML 15Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 68 page
background image
DS792F1
11
CS43L22
Confidential Draft
10/7/08
ANALOG OUTPUT CHARACTERISTICS
Test conditions (unless otherwise specified): Input test signal is a full-scale 997 Hz sine wave; All Supplies = VA; TA = +25°C;
Sample Frequency = 48 kHz; Measurement bandwidth is 20 Hz to 20 kHz; Test load RL = 10 kΩ, CL = 10 pF for the line output
(see Figure 2); Test load RL = 16 Ω, CL = 10 pF (see Figure 2) for the headphone output; HP_GAIN[2:0] = 011.
3.
One-half LSB of triangular PDF dither is added to data.
4.
Full-scale output voltage and power is determined by the gain setting, G, in register “Headphone Analog
Gain” on page 44. High gain settings at certain VA and VHP supply levels may cause clipping when the
audio signal approaches full-scale, maximum power output, as shown in Figures 18 - 21 on page 61.
VA = 2.5 V
VA = 1.8 V
Parameters (Note 3)
Min
Typ
Max
Min
Typ
Max
Unit
RL = 10 kΩ
Dynamic Range
18 to 24-Bit
A-weighted
unweighted
16-Bit
A-weighted
unweighted
92
89
-
-
98
95
96
93
-
-
-
-
89
86
-
-
95
92
93
90
-
-
-
-
dB
dB
dB
dB
Total Harmonic Distortion + Noise
18 to 24-Bit
0 dB
-20 dB
-60 dB
16-Bit
0 dB
-20 dB
-60 dB
-
-
-
-
-
-
-86
-75
-35
-86
-73
-33
-80
-
-29
-
-
-
-
-
-
-
-
-
-88
-72
-32
-88
-70
-30
-82
-
-26
-
-
-
dB
dB
dB
dB
dB
dB
RL = 16 Ω
Dynamic Range
18 to 24-Bit
A-weighted
unweighted
16-Bit
A-weighted
unweighted
92
89
-
-
98
95
96
93
-
-
-
-
89
86
-
-
95
92
93
90
-
-
-
-
dB
dB
dB
dB
Total Harmonic Distortion + Noise
18 to 24-Bit
0 dB
-20 dB
-60 dB
16-Bit
0 dB
-20 dB
-60 dB
-
-
-
-
-
-
-75
-75
-35
-75
-73
-33
-69
-
-29
-
-
-
-
-
-
-
-
-
-75
-72
-32
-75
-70
-30
-69
-
-26
-
-
-
dB
dB
dB
dB
dB
dB
Other Characteristics for RL = 16 Ω or 10 kΩ
Output Parameters
Modulation Index (MI)
(Note 4)
Analog Gain Multiplier (G)
-
-
0.6787
0.6047
-
-
-
-
0.6787
0.6047
-
-
V/V
V/V
Full-scale Output Voltage (2•G•MI•VA) (Note 4)
Refer to Table “Headphone Output Power Characteris-
tics” on page 14
Vpp
Full-scale Output Power (Note 4)
Refer to Table “Headphone Output Power Characteristics” on
page 14
Interchannel Isolation (1 kHz)
16
Ω
10 k
Ω
-
-
80
95
-
-
-
-
80
93
-
-
dB
dB
Speaker Amp to HP Amp Isolation
-
80
-
-
80
-
dB
Interchannel Gain Mismatch
-
0.1
0.25
-
0.1
0.25
dB
Gain Drift
-
±100
-
-
±100
-
ppm/°C
AC-Load Resistance (RL)
(Note 5)
16
-
-
16
-
-
Ω
Load Capacitance (CL)
(Note 5)
-
-
150
-
-
150
pF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com