Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS43L22 Datasheet(PDF) 52 Page - Cirrus Logic

Part # CS43L22
Description  Low Power, Stereo DAC w/Headphone & Speaker Amps
PDF  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS43L22 Datasheet(HTML) 52 Page - Cirrus Logic

Back Button CS43L22 Datasheet HTML 48Page - Cirrus Logic CS43L22 Datasheet HTML 49Page - Cirrus Logic CS43L22 Datasheet HTML 50Page - Cirrus Logic CS43L22 Datasheet HTML 51Page - Cirrus Logic CS43L22 Datasheet HTML 52Page - Cirrus Logic CS43L22 Datasheet HTML 53Page - Cirrus Logic CS43L22 Datasheet HTML 54Page - Cirrus Logic CS43L22 Datasheet HTML 55Page - Cirrus Logic CS43L22 Datasheet HTML 56Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 52 / 68 page
background image
52
DS792F1
CS43L22
Confidential Draft
10/7/08
7.18.2
Bass Gain
Sets the gain of the bass shelving filter.
7.19
Master Volume Control: MSTA (Address 20h) & MSTB (Address 21h)
7.19.1
Master Volume Control
Sets the volume of the signal out the DSP.
7.20
Headphone Volume Control: HPA (Address 22h) & HPB (Address 23h)
7.20.1
Headphone Volume Control
Sets the volume of the signal out the DAC.
TREB[3:0]
Gain Setting
0000
+12.0 dB
···
···
0111
+1.5 dB
1000
0 dB
1001
-1.5 dB
···
···
1111
-10.5 dB
Step Size:
1.5 dB
76
543
21
0
MSTxVOL7
MSTxVOL6
MSTxVOL5
MSTxVOL4
MSTxVOL3
MSTxVOL2
MSTxVOL1
MSTxVOL0
MSTxVOL[7:0]
Master Volume
0001 1000
+12.0 dB
···
···
0000 0000
0 dB
1111 1111
-0.5 dB
1111 1110
-1.0 dB
···
···
0011 0100
-102 dB
···
···
0001 1001
-102 dB
Step Size:
0.5 dB
76
543
21
0
HPxVOL7
HPxVOL6
HPxVOL5
HPxVOL4
HPxVOL3
HPxVOL2
HPxVOL1
HPxVOL0
HPxVOL[7:0]
Headphone Volume
0000 0000
0 dB
1111 1111
-0.5 dB
1111 1110
-1.0 dB
···
···
0011 0100
-96.0 dB
···
···
0000 0001
Muted
Step Size:
0.5 dB



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com