Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS43L22 Datasheet(PDF) 36 Page - Cirrus Logic

Part # CS43L22
Description  Low Power, Stereo DAC w/Headphone & Speaker Amps
PDF  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS43L22 Datasheet(HTML) 36 Page - Cirrus Logic

Back Button CS43L22 Datasheet HTML 32Page - Cirrus Logic CS43L22 Datasheet HTML 33Page - Cirrus Logic CS43L22 Datasheet HTML 34Page - Cirrus Logic CS43L22 Datasheet HTML 35Page - Cirrus Logic CS43L22 Datasheet HTML 36Page - Cirrus Logic CS43L22 Datasheet HTML 37Page - Cirrus Logic CS43L22 Datasheet HTML 38Page - Cirrus Logic CS43L22 Datasheet HTML 39Page - Cirrus Logic CS43L22 Datasheet HTML 40Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 68 page
background image
36
DS792F1
CS43L22
Confidential Draft
10/7/08
6. REGISTER QUICK REFERENCE
Default values are shown below the bit names. All “Reserved” bits must maintain their default value.
I²C Address: 1001010[R/W] - 10010100 = 0x94(Write); 10010101 = 0x95(Read)
Adr. Function
7
6
5
4
3
2
1
0
01h ID
CHIPID4
CHIPID3
CHIPID2
CHIPID1
CHIPID0
REVID2
REVID1
REVID0
p38
11
1
0
0
x
x
x
02h Power Ctl 1
PDN7
PDN6
PDN5
PDN4
PDN3
PDN2
PDN1
PDN0
p38
00
0
0
0
0
0
1
03h Reserved
Reserved
Reserved
Reserved
Reserved
Reserved
Reserved
Reserved
Reserved
00
0
0
0
1
1
1
04h Power Ctl 2
PDN_HPB1
PDN_HPB0
PDN_HPA1
PDN_HPA0
PDN_SPKB1 PDN_SPKB0 PDN_SPKA1 PDN_SPKA0
p39
00
0
0
0
1
0
1
05h Clocking Ctl
AUTO
SPEED1
SPEED0
32kGROUP
VIDEOCLK
RATIO1
RATIO0
MCLKDIV2
p39
10
1
0
0
0
0
0
06h Interface Ctl 1
M/S
INV_SCLK
Reserved
DSP
DACDIF1
DACDIF0
AWL1
AWL0
p41
00
0
0
0
0
0
0
07h Interface Ctl 2
Reserved
SCLK=MCLK
Reserved
Reserved
INV_SWCH
Reserved
Reserved
Reserved
p42
00
0
0
0
0
0
0
08h Passthrough A
Select
Reserved
Reserved
Reserved
Reserved
PASSASEL4 PASSASEL3 PASSASEL2 PASSASEL1
p43
10
0
0
0
0
0
1
09h Passthrough B
Select
Reserved
Reserved
Reserved
Reserved
PASSBSEL4 PASSBSEL3 PASSBSEL2 PASSBSEL1
p43
10
0
0
0
0
0
1
0Ah Analog ZC and
SR Settings
Reserved
Reserved
Reserved
Reserved
ANLGSFTB
ANLGZCB
ANLGSFTA
ANLGZCA
p43
10
1
0
0
1
0
1
0Bh Reserved
Reserved
Reserved
Reserved
Reserved
Reserved
Reserved
Reserved
Reserved
00
0
0
0
0
0
0
0Ch Passthrough
Gang Control
PASSB=A
Reserved
Reserved
Reserved
Reserved
Reserved
Reserved
Reserved
p43
00
0
0
0
0
0
0
0Dh Playback Ctl 1
HPGAIN2
HPGAIN1
HPGAIN0
PLYBCKB=A
INV_PCMB
INV_PCMA
MSTBMUTE
MSTAMUTE
p44
01
1
0
0
0
0
0
0Eh Misc. Ctl
PASSTHRUB PASSTHRUA PASSBMUTE PASSAMUTE
FREEZE
DEEMPH
DIGSFT
DIGZC
p45
00
0
0
0
0
1
0
0Fh Playback Ctl 2
HPBMUTE
HPAMUTE
SPKBMUTE
SPKAMUTE
SPKB=A
SPKSWAP
SPKMONO
MUTE50/50
p46
00
0
0
0
0
0
10h- Reserved
Reserved
Reserved
Reserved
Reserved
Reserved
Reserved
Reserved
Reserved
13h
0
0
0
0
0
0
0
0
14h Passthrough A
Vol
PASSAVOL7 PASSAVOL6 PASSAVOL5
PASSAVOL4 PASSAVOL3 PASSAVOL2 PASSAVOL1 PASSAVOL0
p47
00
0
0
0
0
0
0
15h Passthrough B
Vol
PASSBVOL7 PASSBVOL6 PASSBVOL5 PASSBVOL4 PASSBVOL3 PASSBVOL2 PASSBVOL1 PASSBVOL0
p47
00
0
0
0
0
0
0
16h- Reserved
Reserved
Reserved
Reserved
Reserved
Reserved
Reserved
Reserved
Reserved
17h
0
0
0
0
0
0
0
0
18h- Reserved
Reserved
Reserved
Reserved
Reserved
Reserved
Reserved
Reserved
Reserved
19h
1
0
0
0
0
0
0
0
1Ah PCMA Vol
PCMAMUTE
PCMAVOL6
PCMAVOL5
PCMAVOL4
PCMAVOL3
PCMAVOL2
PCMAVOL1
PCMAVOL0
p48
00
0
0
0
0
0
0
1Bh PCMB Vol
PCMBMUTE
PCMBVOL6
PCMBVOL5
PCMBVOL4
PCMBVOL3
PCMBVOL2
PCMBVOL1
PCMBVOL0
p48
00
0
0
0
0
0
0
1Ch BEEP Freq,
On Time
FREQ3
FREQ2
FREQ1
FREQ0
ONTIME3
ONTIME2
ONTIME1
ONTIME0
p48
00
0
0
0
0
0
0
1Dh BEEP Vol,
Off Time
OFFTIME2
OFFTIME1
OFFTIME0
BPVOL4
BPVOL3
BPVOL2
BPVOL1
BPVOL0
p49
00
0
0
0
0
0
0
1Eh BEEP,
Tone Cfg.
BEEP1
BEEP0
BEEPMIXDIS
TREB_CF1
TREB_CF0
BASS_CF1
BASS_CF0
TC_EN
p50
00
0
0
0
0
0
0
1Fh Tone Ctl
TREB3
TREB2
TREB1
TREB0
BASS3
BASS2
BASS1
BASS0
p51
10
0
0
1
0
0
0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com