Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS43L22 Datasheet(PDF) 57 Page - Cirrus Logic

Part # CS43L22
Description  Low Power, Stereo DAC w/Headphone & Speaker Amps
PDF  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS43L22 Datasheet(HTML) 57 Page - Cirrus Logic

Back Button CS43L22 Datasheet HTML 53Page - Cirrus Logic CS43L22 Datasheet HTML 54Page - Cirrus Logic CS43L22 Datasheet HTML 55Page - Cirrus Logic CS43L22 Datasheet HTML 56Page - Cirrus Logic CS43L22 Datasheet HTML 57Page - Cirrus Logic CS43L22 Datasheet HTML 58Page - Cirrus Logic CS43L22 Datasheet HTML 59Page - Cirrus Logic CS43L22 Datasheet HTML 60Page - Cirrus Logic CS43L22 Datasheet HTML 61Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 57 / 68 page
background image
DS792F1
57
CS43L22
Confidential Draft
10/7/08
7.26.3
PCMx Overflow (Read Only)
Indicates the over-range status in the PCM data path.
7.27
Battery Compensation (Address 2Fh)
7.27.1
Battery Compensation
Configures automatic adjustment of the speaker volume when VP deviates from VPREF[3:0].
7.27.2
VP Monitor
Configures the internal ADC that monitors the VP voltage level.
Notes:
1.
The internal ADC that monitors the VP supply is enabled automatically when BATTCMP is enabled, re-
gardless of the VPMONITOR setting. Conversely, when BATTCMP is disabled, the ADC may be en-
abled by enabling VPMONITOR; this provides a convenient battery monitor without enabling battery
compensation.
2.
When enabled, VPMONITOR remains enabled regardless of the PDN bit setting.
PCMxOVFL
PCM Overflow Status:
0
No digital clipping has occurred in the data path of the PCM (“PCM Channel x Volume” on page 48) of the
DSP.
1
Digital clipping has occurred in the data path of the PCM of the DSP.
Application:
“DSP Engine” on page 22
7
6
5
432
10
BATTCMP
VPMONITOR
Reserved
Reserved
VPREF3
VPREF2
VPREF1
VPREF0
BATTCMP
Automatic Battery Compensation
0
Disabled
1
Enabled
Application:
“Maintaining a Desired Output Level” on page 28
VPMONITOR
VP ADC Status
0
Disabled
1
Enabled



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com