Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS43L22 Datasheet(PDF) 23 Page - Cirrus Logic

Part # CS43L22
Description  Low Power, Stereo DAC w/Headphone & Speaker Amps
PDF  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS43L22 Datasheet(HTML) 23 Page - Cirrus Logic

Back Button CS43L22 Datasheet HTML 19Page - Cirrus Logic CS43L22 Datasheet HTML 20Page - Cirrus Logic CS43L22 Datasheet HTML 21Page - Cirrus Logic CS43L22 Datasheet HTML 22Page - Cirrus Logic CS43L22 Datasheet HTML 23Page - Cirrus Logic CS43L22 Datasheet HTML 24Page - Cirrus Logic CS43L22 Datasheet HTML 25Page - Cirrus Logic CS43L22 Datasheet HTML 26Page - Cirrus Logic CS43L22 Datasheet HTML 27Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 68 page
background image
DS792F1
23
CS43L22
Confidential Draft
10/7/08
4.2.1
Beep Generator
The Beep Generator generates audio frequencies across approximately two octave major scales. It offers
three modes of operation: Continuous, multiple and single (one-shot) beeps. Sixteen on and eight off
times are available.
Note:
The Beep is generated before the limiter and may affect desired limiting performance. If the lim-
iter function is used, it may be required to set the beep volume sufficiently below the threshold to prevent
the peak detect from triggering. Since the master volume control, MSTxVOL[7:0], will affect the beep vol-
ume, DAC volume may alternatively be controlled using the PCMxVOL[6:0] bits.
4.2.2
Limiter
When enabled, the limiter monitors the digital input signal before the DAC and PWM modulators, detects
when levels exceed the maximum threshold settings and lowers the master volume at a programmable
attack rate below the maximum threshold. When the input signal level falls below the maximum threshold,
the AOUT volume returns to its original level set in the Master Volume Control register at a programmable
release rate. Attack and release rates are affected by the DAC soft ramp/zero cross settings and sample
rate, Fs. Limiter soft ramp and zero cross dependency may be independently enabled/disabled.
Notes:
1.
Recommended settings: Best limiting performance may be realized with the fastest attack and
slowest release setting with soft ramp enabled in the control registers. The MIN bits allow the user to
set a threshold slightly below the maximum threshold for hysteresis control - this cushions the sound
as the limiter attacks and releases.
2.
The Limiter maintains the output signal between the CUSH and MAX thresholds. As the digital input
signal level changes, the level-controlled output may not always be the same but will always fall within
Referenced Control
Register Location
MSTxVOL[7:0].....................
PCMxVOL[6:0] ....................
OFFTIME[2:0] .....................
ONTIME[3:0] .......................
FREQ[3:0] ...........................
BEEP[1:0]............................
BEEPMIXDIS ......................
BPVOL[4:0] .........................
“Master Volume Control: MSTA (Address 20h) & MSTB (Address 21h)” on page 52
“PCMx Volume: PCMA (Address 1Ah) & PCMB (Address 1Bh)” on page 48
“Beep Off Time” on page 49
“Beep On Time” on page 49
“Beep Frequency” on page 48
“Beep Configuration” on page 50
“Beep Mix Disable” on page 50
“Beep Volume” on page 50
FREQ[3:0]
...
BPVOL[4:0]
ONTIME[3:0]
OFFTIME[2:0]
BEEP[1:0] =
'01'
BEEP[1:0] =
'10'
BEEP[1:0] =
'11'
SINGLE-BEEP: Beep turns on at a
configurable frequency (FREQ) and
volume (BPVOL) for the duration of
ONTIME. BEEP must be cleared
and set for additional beeps.
MULTI-BEEP: Beep turns on at a configurable frequency (FREQ)
and volume (BPVOL) for the duration of ONTIME and turns off for
the duration of OFFTIME. On and off cycles are repeated until
BEEP is cleared.
CONTINUOUS BEEP: Beep turns on at a configurable frequency (FREQ) and volume (BPVOL) and remains on
until BEEP is cleared.
Figure 6. Beep Configuration Options



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com