Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS43L22 Datasheet(PDF) 67 Page - Cirrus Logic

Part # CS43L22
Description  Low Power, Stereo DAC w/Headphone & Speaker Amps
PDF  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS43L22 Datasheet(HTML) 67 Page - Cirrus Logic

Back Button CS43L22 Datasheet HTML 60Page - Cirrus Logic CS43L22 Datasheet HTML 61Page - Cirrus Logic CS43L22 Datasheet HTML 62Page - Cirrus Logic CS43L22 Datasheet HTML 63Page - Cirrus Logic CS43L22 Datasheet HTML 64Page - Cirrus Logic CS43L22 Datasheet HTML 65Page - Cirrus Logic CS43L22 Datasheet HTML 66Page - Cirrus Logic CS43L22 Datasheet HTML 67Page - Cirrus Logic CS43L22 Datasheet HTML 68Page - Cirrus Logic  
Zoom Inzoom in Zoom Outzoom out
 67 / 68 page
background image
DS792F1
67
CS43L22
Confidential Draft
10/7/08
14.ORDERING INFORMATION
15.REFERENCES
1.
Philips Semiconductor, The I²C-Bus Specification: Version 2.1, January 2000.
http://www.semiconductors.philips.com
16.REVISION HISTORY
Product
Description
Package Pb-Free
Grade
Temp Range
Container
Order #
CS43L22
Low-Power Stereo DAC
w/HP and Speaker Amps
for Portable Apps
40L-QFN
Yes
Commercial -40 to +85° C
Rail
CS43L22-CNZ
Tape & Reel
CS43L22-CNZR
CDB43L22
CS43L22 Evaluation
Board
-
No
-
-
-
CDB43L22
Revision
Changes
PP1
Initial Release
F1
Removed the Thermal Error Detection and Thermal Foldback Feature
Added “Internal Connections” to table in “I/O Pin Characteristics” on page 8.
Added and updated absolute maximum parameters in “Absolute Maximum Ratings” on page 10
Corrected AFILTx capacitor to 150 pF in “Typical Connection Diagram” on page 9.
Updated VIH specification for VL = 1.8 V in “Digital Interface Specifications & Characteristics” on page 19.
Lowered the VP Current Consumption in “Power Consumption” on page 20.
Updated “PWM Outputs” on page 27 to exclude support of a 384x MCLK to LRCK ratio.
Updated “Serial Port Clocking” on page 30 to exclude master mode support when the MCLK signal equals
18.4320 MHz or 16.9344 MHz.
Updated “Recommended Power-Up Sequence” on page 32.
Updated “Recommended Power-Down Sequence” on page 32.
Added “Required Initialization Settings” on page 33.
Updated the default settings in bits 7 and 6 of register 29h to ‘0’b.
Updated the PASSB=A, PLYBCKB=A and SPKRB=A descriptions in “Passthrough Channel B=A gang Control”
on page 43, “Playback Volume Setting B=A” on page 44, and “Speaker Volume Setting B=A” on page 46.
Corrected BEEP volume settings to reflect level relative to DAC’s full scale in “Beep Volume” on page 50.
Added note in “Speaker Volume Control” on page 53
Added note 2 in “VP Monitor” on page 57.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com