Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS43L22 Datasheet(PDF) 28 Page - Cirrus Logic

Part # CS43L22
Description  Low Power, Stereo DAC w/Headphone & Speaker Amps
PDF  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS43L22 Datasheet(HTML) 28 Page - Cirrus Logic

Back Button CS43L22 Datasheet HTML 24Page - Cirrus Logic CS43L22 Datasheet HTML 25Page - Cirrus Logic CS43L22 Datasheet HTML 26Page - Cirrus Logic CS43L22 Datasheet HTML 27Page - Cirrus Logic CS43L22 Datasheet HTML 28Page - Cirrus Logic CS43L22 Datasheet HTML 29Page - Cirrus Logic CS43L22 Datasheet HTML 30Page - Cirrus Logic CS43L22 Datasheet HTML 31Page - Cirrus Logic CS43L22 Datasheet HTML 32Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 68 page
background image
28
DS792F1
CS43L22
Confidential Draft
10/7/08
4.5.1
Mono Speaker Output Configuration
The CS43L22 accommodates a stereo as well as a mono speaker output configuration. In mono mode
the output drivers of each channel are connected in parallel to deliver maximum power to a 4 ohm speak-
er. Refer to the table below for pin mapping in mono configuration.
4.5.2
VP Battery Compensation
The CS43L22 provides the option to maintain a desired power output level, independent of the VP supply.
When enabled, this feature works by monitoring the voltage on the VP supply and reducing the attenua-
tion on the speaker outputs when VP voltage levels fall.
Note: The internal ADC that monitors the VP supply operates from the VA supply. Calculations are based
on typical VA levels of 1.8 V and 2.5 V using the VPREF bits.
4.5.2.1
Maintaining a Desired Output Level
Using SPKxVOL, the speaker output level must first be attenuated by the decibel equivalent of the expect-
ed VP supply range (MAX relative to MIN). The CS43L22 then gradually reduces the attenuation as the
VP supply drops from it’s maximum level, maintaining a nearly constant power output.
Compensation Example 1 (VP Battery supply ranges from 4.5 V to 3.0 V)
1. Set speaker attenuation (SPKxVOL) to -3.5 dB. The VP supply changes ~3.5 dB.
2. Set the reference VP supply (VPREF) to 4.5 V.
3. Enable battery compensation (BATTCMP).
The CS43L22 automatically adjusts the output level as the battery discharges.
Compensation Example 2 (VP Battery supply ranges from 5.0 V to 1.6 V)
1. Set speaker attenuation (SPKxVOL) to -10 dB. The VP supply changes ~9.9 dB.
2. Set the reference VP supply (VPREF) to 5.0 V.
3. Enable battery compensation (BATTCMP).
The CS43L22 automatically adjusts the output level as the battery discharges. Refer to Figure 11 on
page 29. In this example, the VP supply changes over a wide range, illustrating the accuracy of the
CS43L22’s battery compensation.
Pin
Speaker Output
SPKMONO=0
SPKMONO=1
SPKSWAP=0
SPKSWAP=1
SPKSWAP=0
SPKSWAP=1
4
SPKOUTA+
SPKOUTB+
SPKOUTA+
SPKOUTB+
6
SPKOUTA-
SPKOUTB-
SPKOUTA+
SPKOUTB+
7
SPKOUTB+
SPKOUTA+
SPKOUTA-
SPKOUTB-
9
SPKOUTB-
SPKOUTA-
SPKOUTA-
SPKOUTB-
Referenced Control
Register Location
SPKMONO..........................
SPKSWAP...........................
“Speaker MONO Control” on page 47
“Speaker Channel Swap” on page 46



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com