Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS43L22 Datasheet(PDF) 46 Page - Cirrus Logic

Part # CS43L22
Description  Low Power, Stereo DAC w/Headphone & Speaker Amps
PDF  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS43L22 Datasheet(HTML) 46 Page - Cirrus Logic

Back Button CS43L22 Datasheet HTML 42Page - Cirrus Logic CS43L22 Datasheet HTML 43Page - Cirrus Logic CS43L22 Datasheet HTML 44Page - Cirrus Logic CS43L22 Datasheet HTML 45Page - Cirrus Logic CS43L22 Datasheet HTML 46Page - Cirrus Logic CS43L22 Datasheet HTML 47Page - Cirrus Logic CS43L22 Datasheet HTML 48Page - Cirrus Logic CS43L22 Datasheet HTML 49Page - Cirrus Logic CS43L22 Datasheet HTML 50Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 46 / 68 page
background image
46
DS792F1
CS43L22
Confidential Draft
10/7/08
7.11.6
Digital Zero Cross
Configures when the signal level changes occur for the digital volume controls.
Notes:
1.
If the signal does not encounter a zero crossing, the requested volume change will occur after a
timeout period between 1024 and 2048 sample periods (21.3 ms to 42.7 ms at 48 kHz sample rate).
2.
The zero cross function is independently monitored and implemented for each channel.
3.
The DIS_LIMSFT bit (“Limiter Soft Ramp Disable” on page 54) is ignored when zero cross is enabled.
7.12
Playback Control 2 (Address 0Fh)
7.12.1
Headphone Mute
Configures a digital mute on headphone channel x.
7.12.2
Speaker Mute
Configures a digital mute on speaker channel x.
7.12.3
Speaker Volume Setting B=A
Configures independent or ganged volume control of the speaker volume. Mute is not affected.
7.12.4
Speaker Channel Swap
Configures a channel swap on the speaker channels.
DIGZC
Volume Changes
Affected Digital Volume Controls
0
Do not occur on a zero cross-
ing
MSTxMUTE (“Master Playback Mute” on page 44),
HPxMUTE, SPKxMUTE (“Playback Control 2 (Address 0Fh)” on page 46),
PCMxMUTE, PCMxVOL[7:0] (“PCM Channel x Volume” on page 48),
MSTxVOL[7:0] (“Master Volume Control” on page 52),
HPxVOL[7:0] (“Headphone Volume Control” on page 52),
SPKxVOL[7:0] (“Speaker Volume Control” on page 53),
1
Occur on a zero crossing
76
543
21
0
HPBMUTE
HPAMUTE
SPKBMUTE
SPKAMUTE
SPKB=A
SPKSWAP
SPKMONO
MUTE50/50
HPxMUTE
Headphone Mute
0
Disabled
1
Enabled
SPKxMUTE
Speaker Mute
0
Disabled
1
Enabled
SPKB=A
Single Volume Control for the Speaker Channel
0
Disabled
1
Enabled
SPKSWAP
Speaker Output
0
Channel A
1
Channel B
Application:
“Mono Speaker Output Configuration” on page 28



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com