Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS43L22 Datasheet(PDF) 51 Page - Cirrus Logic

Part # CS43L22
Description  Low Power, Stereo DAC w/Headphone & Speaker Amps
PDF  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS43L22 Datasheet(HTML) 51 Page - Cirrus Logic

Back Button CS43L22 Datasheet HTML 47Page - Cirrus Logic CS43L22 Datasheet HTML 48Page - Cirrus Logic CS43L22 Datasheet HTML 49Page - Cirrus Logic CS43L22 Datasheet HTML 50Page - Cirrus Logic CS43L22 Datasheet HTML 51Page - Cirrus Logic CS43L22 Datasheet HTML 52Page - Cirrus Logic CS43L22 Datasheet HTML 53Page - Cirrus Logic CS43L22 Datasheet HTML 54Page - Cirrus Logic CS43L22 Datasheet HTML 55Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 51 / 68 page
background image
DS792F1
51
CS43L22
Confidential Draft
10/7/08
7.17.3
Treble Corner Frequency
Sets the corner frequency (-3 dB point) for the treble shelving filter.
7.17.4
Bass Corner Frequency
Sets the corner frequency (-3 dB point) for the bass shelving filter.
7.17.5
Tone Control Enable
Configures the treble and bass activation.
7.18
Tone Control (Address 1Fh)
7.18.1
Treble Gain
Sets the gain of the treble shelving filter.
TREBCF[1:0]
Treble Corner Frequency Setting
00
5 kHz
01
7 kHz
10
10 kHz
11
15 kHz
BASSCF[1:0]
Bass Corner Frequency Setting
00
50 Hz
01
100 Hz
10
200 Hz
11
250 Hz
TCEN
Bass and Treble Control
0
Disabled
1
Enabled
Application:
“Beep Generator” on page 23
7
6
5
432
10
TREB3
TREB2
TREB1
TREB0
BASS3
BASS2
BASS1
BASS0
TREB[3:0]
Gain Setting
0000
+12.0 dB
···
···
0111
+1.5 dB
1000
0 dB
1001
-1.5 dB
···
···
1111
-10.5 dB
Step Size:
1.5 dB



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com